Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16/2FPLR-YL Datasheet(PDF) 1 Page - Structured Cable Products Inc.

Part # 16/2FPLR-YL
Description  2C/16 AWG SOLID FPLR PVC - 1000 FT SPOOL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STRUCTURED-CABLE [Structured Cable Products Inc.]
Direct Link  https://scpcat5e.com/
Logo STRUCTURED-CABLE - Structured Cable Products Inc.

16/2FPLR-YL Datasheet(HTML) 1 Page - Structured Cable Products Inc.

  16/2FPLR-YL Datasheet HTML 1Page - Structured Cable Products Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Conductor :
16 AWG Solid SBC Cond.
Total Cable Weight : 42 kg/km
Final Diameter :
0.172 inches
Insulation : PVC
Jacket : PVC
DC Resistance 25°C:
4.3 Ohms / 1000 ft
Mutual Capacitance : 22.2 pF/ft
Impedance :
77 Ohms
Velocity of Prop : 70 %
Inductance. :
3.9 mH/km
Print Notes :
Sequentially marked per 2FT (0 - infinity)
Standard Print : STRUCTURED CABLE PRODUCTS - - - P/N 16/2FPLR - - - RISER FIRE
ALARM CABLE (UL) CL2R/CL3R E198137 OR FPLR (UL) C(UL) CMG CMR
UNSH 2/C 16 AWG SOLID PVC JKT --- ZONE/DEVICE A B C D E 0 1 2 3 4 5 6
7 8 9 RoHS
Cabled OD Avg: 0.109
Ins Thickness: 0.010
Jkt Thickness: 0.015
Certified: UL CL2R/CL3R OR FPLR/CMG/CMR
Flame Rating: Riser
Max Voltage: 300V
( All of the above values are approximated to within
)
+/- 10%
5
11 36
NEC Articles: 760 FPLR
Min. Bend Radius/Minor Axis: 1.204 inches
Operating Temperature : -20°C to 60°C
Standard UL Temp : 60°C
Description :
2C/16 AWG SOLID FPLR PVC - 1000 FT SPOOL
SCP PART#: 16/2FPLR-XX
www.scpcat5e.com
sales@scpcat5e.com
Direct: 954-327-5770
Toll Free: +1-866-470-5742
Part Number:
16/2FPLR
16/2FPLR-BL
16/2FPLR-GN
16/2FPLR-YL
16/2FPLR-WT
Jacket Color:
Red
Blue
Green
Yellow
White


Similar Part No. - 16/2FPLR-YL

ManufacturerPart #DatasheetDescription
logo
Structured Cable Produc...
16/2FPLR-SH STRUCTURED-CABLE-16/2FPLR-SH Datasheet
427Kb / 1P
Shielded Riser 2/C 16/1 AWG SBC, PVC Insulation
16/2FPLR-SH-OR STRUCTURED-CABLE-16/2FPLR-SH-OR Datasheet
427Kb / 1P
Shielded Riser 2/C 16/1 AWG SBC, PVC Insulation
16/2FPLR-SH-WT STRUCTURED-CABLE-16/2FPLR-SH-WT Datasheet
427Kb / 1P
Shielded Riser 2/C 16/1 AWG SBC, PVC Insulation
More results

Similar Description - 16/2FPLR-YL

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C20032101 GENERAL-C20032101 Datasheet
74Kb / 3P
(C2003) Hook-Up Wire, 24 AWG Solid Tinned Copper, PVC Insulation, Black - 1000 Ft. Spool
C4321A GENERAL-C4321A Datasheet
58Kb / 1P
2C 16 AWG Solid BC PVC / PVC Fire Alarm / Life Safety Cable
C4344A GENERAL-C4344A Datasheet
59Kb / 1P
2C 16 AWG Solid BC Shielded PVC / PVC Fire Alarm / Life Safety Cable
C9028A GENERAL-C9028A Datasheet
71Kb / 1P
2C 18 AWG 16/30 TC PVC / PVC
C9039A GENERAL-C9039A Datasheet
71Kb / 1P
2C 16 AWG 19/.0117 TC PVC / PVC
C9127A GENERAL-C9127A Datasheet
71Kb / 1P
2C 18 AWG 16/30 TC PVC / OAS / PVC
C9138A GENERAL-C9138A Datasheet
71Kb / 1P
2C 16 AWG 19/.0117 TC PVC / OAS / PVC
E2242S GENERAL-E2242S Datasheet
58Kb / 1P
2C 16 AWG 19/.0117 BC OAS PVC / PVC
E3512S GENERAL-E3512S Datasheet
57Kb / 1P
2C 16 AWG SOLID BC PVC / PVC
E3612S GENERAL-E3612S Datasheet
57Kb / 1P
2C 16 AWG SOLID BC OAS PVC / PVC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com