Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

481 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 481
Description  Rugged Metal Pushbutton with Blue LED Ring - 16mm Blue Momentary
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

481 Datasheet(HTML) 1 Page - Adafruit Industries

  481 Datasheet HTML 1Page - Adafruit Industries 481 Datasheet HTML 2Page - Adafruit Industries 481 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
 
Rugged Metal Pushbutton with Blue LED
Ring - 16mm Blue Momentary
PRODUCT ID: 481
These chrome-plated metal buttons are rugged and look real good while
doing it! Simply drill a 16mm hole into any material up to 1/2" thick and
you can fit these in place, there's even a rubber gasket to keep water out
of the enclosure. On the front of the button is a flat metal actuator,
surrounded by a blue plastic LED ring. On the back there are 3 contacts
for the button (common, normally-open and normally-closed) and 2 for
the blue LED ring (+ and -). Connect 3 to 6V to the LED to have it light up
nicely, there's a built in resistor! If you want to use this with a higher
voltage, say 12V or 24V, simply add a 470 ohm resistor in series with the
LED connection to keep the LED current at around 20mA.


Similar Part No. - 481

ManufacturerPart #DatasheetDescription
logo
Littelfuse
481 LITTELFUSE-481 Datasheet
38Kb / 1P
Blade Terminal & Special Purpose Fuses
logo
List of Unclassifed Man...
481 ETC2-481 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
Oscilent Corporation
481 OSCILENT-481 Datasheet
150Kb / 3P
HCMOS / TTL Output
logo
3M Electronics
481 3M-481 Datasheet
130Kb / 6P
3M??Preservation Sealing Tape 481
logo
American Beauty Tools
481 AMERICANBEAUTY-481 Datasheet
1Mb / 2P
40 WATT, 1/4" PENCIL-STYLE SOLDERING IRON
More results

Similar Description - 481

ManufacturerPart #DatasheetDescription
logo
ITT Industries
E112SD1ABE ITT-E112SD1ABE Datasheet
698Kb / 6P
Sealed Momentary Pushbutton Switches
logo
Tyco Electronics
164EL11 MACOM-164EL11 Datasheet
229Kb / 5P
Pushbutton Switches, 16mm, Illuminated
logo
GREATECS
PB9 GREATECS-PB9 Datasheet
982Kb / 1P
Momentary Pushbutton Switches with LED
logo
Tyco Electronics
2-1437569-0 MACOM-2-1437569-0 Datasheet
229Kb / 5P
Pushbutton Switches, 16mm, Illuminated
2-1437569-1 MACOM-2-1437569-1 Datasheet
229Kb / 5P
Pushbutton Switches, 16mm, Illuminated
2-1437569-2 MACOM-2-1437569-2 Datasheet
229Kb / 5P
Pushbutton Switches, 16mm, Illuminated
2-1437569-3 MACOM-2-1437569-3 Datasheet
229Kb / 5P
Pushbutton Switches, 16mm, Illuminated
COMMAND MACOM-COMMAND Datasheet
229Kb / 5P
Pushbutton Switches, 16mm, Illuminated
logo
CIT Relay & Switch
BH16NRSZ12 CIT-BH16NRSZ12 Datasheet
369Kb / 10P
Illuminated Pushbutton - 16mm & 19mm
CH2LBNRB12 CIT-CH2LBNRB12 Datasheet
352Kb / 6P
Illuminated Pushbutton - 16mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com