Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCY58 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BCY58
Description  LOW NOISE AUDIO AMPLIFIERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BCY58 Datasheet(HTML) 1 Page - STMicroelectronics

  BCY58 Datasheet HTML 1Page - STMicroelectronics BCY58 Datasheet HTML 2Page - STMicroelectronics BCY58 Datasheet HTML 3Page - STMicroelectronics BCY58 Datasheet HTML 4Page - STMicroelectronics BCY58 Datasheet HTML 5Page - STMicroelectronics BCY58 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BCY58
BCY59
January 1989
LOW NOISE AUDIO AMPLIFIERS
DESCRIPTION
ABSOLUTE MAXIMUM RATINGS
Value
Symbol
Parameter
BCY58
BCY59
Unit
VCES
Collector-emitter Voltage (V BE =0)
32
45
V
VCEO
Collector-emitter Voltage (IB =0)
32
45
V
VEBO
Emitter-base Voltage (I C =0)
7
V
I C
Collector Current
200
mA
I B
Base Current
50
mA
Pto t
Total Power Dissipation at T amb ≤ 25 °C
at T cas e ≤ 45 °C
0.39
1
mW
W
T stg,Tj
Storage and Junction Temperature
– 65 to 200
°C
The BCY58 and BCY59 are silicon planar epitaxial
NPN transistors in Jedec TO-18 metal case.
They are intended for use in audio input stages,
driver stages and low-noise input stages. The com-
plementary PNP types are respectively the BCY78
and BCY79.
TO-18
INTERNAL SCHEMATIC DIAGRAM
1/6


Similar Part No. - BCY58

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCY58 PHILIPS-BCY58 Datasheet
50Kb / 8P
NPN switching transistors
1997 Jun 17
logo
Siemens Semiconductor G...
BCY58 SIEMENS-BCY58 Datasheet
133Kb / 4P
npn silicon planar transistors
logo
Micro Electronics
BCY58 MICRO-ELECTRONICS-BCY58 Datasheet
175Kb / 4P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Seme LAB
BCY58 SEME-LAB-BCY58 Datasheet
10Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18 Metal Package.
logo
Comset Semiconductor
BCY58 COMSET-BCY58 Datasheet
232Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - BCY58

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BC107 STMICROELECTRONICS-BC107 Datasheet
69Kb / 6P
LOW NOISE GENERAL PURPOSE AUDIO AMPLIFIERS
Nov-1997
BC177 STMICROELECTRONICS-BC177 Datasheet
77Kb / 6P
LOW NOISE GENERAL PURPOSE AUDIO AMPLIFIERS
Nov-1997
BC477 STMICROELECTRONICS-BC477 Datasheet
139Kb / 5P
LOW NOISE GENERAL PURPOSE AUDIO AMPLIFIERS
Jan 1989
BC107 STMICROELECTRONICS-BC107_06 Datasheet
385Kb / 9P
Low noise general purpose audio amplifiers
06-Nov-2006
logo
Texas Instruments
OPA1662 TI1-OPA1662 Datasheet
1Mb / 29P
Low-Power, Low Noise and Distortion, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
logo
Comset Semiconductor
BC107 COMSET-BC107 Datasheet
81Kb / 3P
LOW NOISE GENERAL PURPOSE AUDIO AMPLIFIERS
BC177 COMSET-BC177 Datasheet
151Kb / 3P
LOW NOISE GENERAL PURPOSE AUDIO AMPLIFIERS
logo
Texas Instruments
OPA1662-Q1 TI-OPA1662-Q1 Datasheet
1Mb / 30P
Low-Power, Low Noise and Distortion, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1692 TI1-OPA1692 Datasheet
488Kb / 23P
Low-Power, Low-Noise and Low-Distortion Audio Operational Amplifiers
OPA1692 TI1-OPA1692_18 Datasheet
1Mb / 42P
Low-Power, Low-Noise and Low-Distortion SoundPlus Audio Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com