Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

558 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 558
Description  Rugged Metal Pushbutton with White LED Ring - 16mm White Momentary
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

558 Datasheet(HTML) 1 Page - Adafruit Industries

  558 Datasheet HTML 1Page - Adafruit Industries 558 Datasheet HTML 2Page - Adafruit Industries 558 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
 
 
 
Rugged Metal Pushbutton with White LED
Ring - 16mm White Momentary
PRODUCT ID: 558
These chrome-plated metal buttons are rugged and look real good while
doing it! Simply drill a 16mm hole into any material up to 1/2" thick and
you can fit these in place, there's even a rubber gasket to keep water out
of the enclosure. On the front of the button is a flat metal actuator,
surrounded by a white plastic LED ring. On the back there are 3 contacts
for the button (common, normally-open and normally-closed) and 2 for
the white LED ring (+ and -). Connect 3 to 6V to the LED to have it light
up nicely, there's a built in resistor! If you want to use this with a higher
voltage, say 12V or 24V, simply add a 470 ohm resistor in series with the
LED connection to keep the LED current at around 20mA.


Similar Part No. - 558

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
558 MALLORY-558 Datasheet
95Kb / 4P
ELECTRONIC BREAKERLESS CONVERSION KIT
logo
3M Electronics
558 3M-558 Datasheet
67Kb / 2P
Self-Stripping Electrical Tap Connector 558
Nov-2010
logo
Dialight Corporation
558-0101-001F DIALIGHT-558-0101-001F Datasheet
135Kb / 2P
Low Current & High Efficiency Snap-in LED Panel Mount Indicators
558-0101-001F DIALIGHT-558-0101-001F Datasheet
145Kb / 2P
558 Series Snap-in LED - .156??Mounting Hole
558-0101-003F DIALIGHT-558-0101-003F Datasheet
135Kb / 2P
Low Current & High Efficiency Snap-in LED Panel Mount Indicators
More results

Similar Description - 558

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPW500DS NICHIA-NSPW500DS Datasheet
204Kb / 15P
WHITE LED
NSPW500GS-K1 NICHIA-NSPW500GS-K1 Datasheet
185Kb / 15P
WHITE LED
logo
OptoSupply Internationa...
OSFRS5LWA OPTOSUPPLY-OSFRS5LWA Datasheet
67Kb / 3P
PRODUCT SPECIFICATION FOR 5mm Round White LED Ring
OSFRS5LXX OPTOSUPPLY-OSFRS5LXX Datasheet
67Kb / 3P
PRODUCT SPECIFICATION FOR 5mm Round White LED Ring
logo
GREATECS
PB9 GREATECS-PB9 Datasheet
982Kb / 1P
Momentary Pushbutton Switches with LED
logo
Tyco Electronics
2-1437569-1 MACOM-2-1437569-1 Datasheet
229Kb / 5P
Pushbutton Switches, 16mm, Illuminated
2-1437569-2 MACOM-2-1437569-2 Datasheet
229Kb / 5P
Pushbutton Switches, 16mm, Illuminated
logo
Marl International Limi...
NSPW315DS MARL-NSPW315DS Datasheet
206Kb / 15P
WHITE LED
logo
CIT Relay & Switch
BH16NRSZ12 CIT-BH16NRSZ12 Datasheet
369Kb / 10P
Illuminated Pushbutton - 16mm & 19mm
CH2LBNRB12 CIT-CH2LBNRB12 Datasheet
352Kb / 6P
Illuminated Pushbutton - 16mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com