Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

759 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 759
Description  Premium Male/Male Jumper Wires - 40 x 3" (75mm)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

759 Datasheet(HTML) 2 Page - Adafruit Industries

  759 Datasheet HTML 1Page - Adafruit Industries 759 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-
DESCRIPTION
Handy for making wire harnesses or jumpering between headers on PCB's. These
premium jumper wires are 3" (75mm) long and come in a 'strip' of 40 (4 pieces of
each of ten rainbow colors). They have 0.1" male header contacts on either end and
fit cleanly next to each other on standard-pitch 0.1" (2.54mm) header. The best
part is they come in a 40-pin ribbon cable. You can always pull the ribbon wires off
to make individual jumpers, or keep them together to make neatly organized wire
harnesses.
We have these in three handy lengths: 3"/75mm, 6"/160mm and 12"/300mm. If
you want the female/female type, we have those too!
For best results, when plugging these in a line, have the sides with the 'silver latch
bit' sticking out since that side is a tiny bit wider than 0.1"
Page 2 of 2
7/23/2015
http://www.adafruit.com/products/759



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com