Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

375LP3E Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # 375LP3E
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

375LP3E Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  375LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 375LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 375LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 375LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 375LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 375LP3E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
5 - 122
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pin Number
Function
Description
Interface Schematic
1, 3, 4, 6-10,
12, 14, 16
N/C
No connection necessary.
These pins may be connected to RF/DC ground.
2RFIN
This pin is matched to 50 Ohms with a 13 nH
inductor to ground. See Application Circuit.
5ACG
AC Ground - An external capacitor of 0.01μF to
ground is required for low frequency bypassing.
See Application Circuit for further details.
11
RFOUT
This pin is AC coupled and matched to 50 Ohms.
13,15
Vdd2, Vdd1
Power supply voltage. Choke inductor and bypass
capacitor are required. See application circuit.
GND
Package bottom must be connected to RF/DC ground.
Pin Descriptions
Application Circuit
Note: L1, L2, L3 and C1 should be located as close to pins as possible.
HMC375LP3 / 375LP3E
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER, 1.7 - 2.2 GHz
v01.0604



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com