Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM2-7VT Datasheet(PDF) 1 Page - Multicomp Pro

Part # SM2-7VT
Description  Cable Marker
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

SM2-7VT Datasheet(HTML) 1 Page - Multicomp Pro

  SM2-7VT Datasheet HTML 1Page - Multicomp Pro SM2-7VT Datasheet HTML 2Page - Multicomp Pro SM2-7VT Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page <1>
V1.0
05/09/22
Cable Marker
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Features
•   More effective in marker assembly. It can be applied after completing of terminal assembly 
to the wire.
•  Not easy to transfigure and beautiful, clear printing and longer lasting (not fade easily).
•   Strip off from the cutting point easily when used. Continuously SM type cable markers are 
string type and each one is connected.
Specification
Material 
: Nylon 6.6
Item No.
Suitable Wire
L
(mm)
Standard Markings
Square
AWG
SM - 0
0.15 to 0.5
24 to 22
2.3
Solid number or letter roll 
for 0, 1, 2, 3, .... 9  
A, B, C, D, .... Z
SM - 1
0.5 to 1.5
20 to 18
2.9
SM - 2
1.5 to 2.5
16 to 14
2.8
SM - 3
4 to 6
12 to 10
2.9
Legend
Legend
Colour
Market
Colour
Part Number
0
White
Black
SM0-0BK
1
Brown
SM0-1BN
2
Black
Red
SM0-2RD
3
Orange
SM0-3OE
4
Yellow
SM0-4YW
5
Green
SM0-5GN
6
Blue
SM0-6BE
7
Purple
SM0-7VT
8
Grey
SM0-8GY
Specification Table
Legend
Legend
Colour
Market
Colour
Part Number
9
Black
White
SM0-9WE
0
White
Black
SM1-0BK
1
Brown
SM1-1BN
2
Black
Red
SM1-2RD
3
Orange
SM1-3OE
4
Yellow
SM1-4YW
5
Green
SM1-5GN
6
Blue
SM1-6BE
7
Purple
SM1-7VT


Similar Part No. - SM2-7VT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM2 ETC-SM2 Datasheet
422Kb / 1P
SURFACE MOUNT PRECISION PLATE RESISTORS
logo
Pulse A Technitrol Comp...
SM2 PULSE-SM2 Datasheet
224Kb / 8P
2Watt Pulse, Electrostatically Shielded
logo
List of Unclassifed Man...
SM2 ETC-SM2 Datasheet
800Kb / 5P
SM Solenoids
18/8/15
logo
Bourns Electronic Solut...
SM2 BOURNS-SM2 Datasheet
570Kb / 3P
SM/1xx Series - Riedon™ Precision Axial Wirewound Resistors by Bourns
REV. 09/25
logo
LUMEL S.A.
SM2 LUMEL-SM2 Datasheet
629Kb / 2P
module of analog inputs
More results

Similar Description - SM2-7VT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM3-9WE ETC2-SM3-9WE Datasheet
124Kb / 4P
Cable Marker
logo
TE Connectivity Ltd
TTDS-037 TEC-TTDS-037 Datasheet
410Kb / 3P
HL Cable Marker
TTDS-013 TEC-TTDS-013 Datasheet
363Kb / 3P
HLX Cable Marker
TTDS-022 TEC-TTDS-022 Datasheet
707Kb / 4P
HIGH TEMPERATURE CABLE MARKER
logo
PHOENIX CONTACT
0820183 PHOENIX-0820183 Datasheet
59Kb / 4P
Cable marker - UC-WMTBA (29X8)
09/11/2020
0820426 PHOENIX-0820426 Datasheet
59Kb / 4P
Cable marker - UC-WMTBA (24X5)
09/11/2020
1014086 PHOENIX-1014086 Datasheet
55Kb / 3P
Cable marker - UCT-WMTBA (40X17)
09/11/2020
0828376 PHOENIX-0828376 Datasheet
60Kb / 4P
Cable marker - UC-WMTB (44X15)
09/11/2020
0830524 PHOENIX-0830524 Datasheet
57Kb / 3P
Cable marker - WMTB-AL (40X15)
09/11/2020
0830525 PHOENIX-0830525 Datasheet
56Kb / 3P
Cable marker - WMTB-AL (60X15)
09/11/2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com