Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC385LP4 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC385LP4
Description  MMIC VCO w/ BUFFER AMPLIFIER, 2.25 - 2.5 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC385LP4 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC385LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC385LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC385LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC385LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC385LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC385LP4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
9
9 - 17
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pin Number
Function
Description
Interface Schematic
1- 14, 17 - 19,
21, 23, 24
N/C
No Connection
15
GND
This pin must be connected to RF & DC ground.
16
RFOUT
RF output (AC coupled)
20
Vcc
Supply Voltage Vcc= 3V
22
VTUNE
Control Voltage Input. Modulation port bandwidth
dependent on drive source impedance.
GND
Package bottom has an exposed metal paddle that
must be RF & DC grounded.
Pin Descriptions
MMIC VCO w/ BUFFER
AMPLIFIER, 2.25 - 2.5 GHz
v02.0705
HMC385LP4 / 385LP4E



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com