Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL320 Datasheet(PDF) 1 Page - Klein Tools, Inc.

Part # CL320
Description  ELECTRICAL TEST KITS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KLEIN [Klein Tools, Inc.]
Direct Link  https://www.kleintools.com/
Logo KLEIN - Klein Tools, Inc.

CL320 Datasheet(HTML) 1 Page - Klein Tools, Inc.

  CL320 Datasheet HTML 1Page - Klein Tools, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.kleintools.com
See our complete line of Test & Measurement
© 2021 Klein Tools, Inc.
Lincolnshire, IL 60069
MKT012521 Rev. 03/21 A
Cat.
No.
UPC#
0-92644+
Description
CL320
Clamp Meter with Test
Leads & Thermocouple
IR07
Dual IR/Probe
Thermometer
RT250
GFCI Receptacle
Tester with LCD
NCVT-3P
Dual Range NCVT
with Flashlight
CL320KIT 69349-6
HVAC Kit
–
RT250KIT 69350-2
Premium Electrical Test Kit
–
–
• RT250 is an electrical receptacle tester with LCD that
identifies common wiring faults on North American
120V outlets. The LCD displays the voltage, identifies
the wiring fault, and the time required to trip a GFCI
device.
• NCVT-3P Dual Range Non-contact Voltage Tester with
Flashlight detects low and standard voltage from 12
to 1000 V AC or 70 to 1000V AC for a broad range of
applications.
• Includes all required batteries, manuals, and a pouch.
2 m
CAT II
135V
2 m
CAT IV
1000V
IP67
• CL320 HVAC Clamp Meter is an Auto-Ranging,
TRMS digital clamp meter that measures 400A AC,
DC Microamps, and Temperature. It comes with test
leads with CAT III/CAT IV safety caps, and a K-Type
thermocouple probe.
• IR07 is a dual IR (infrared) and probe thermometer
that measures temperature from -40 to 572°F (-40 to
300°C). The IR probe accurately measures surface
temperature with a distance to spot ratio of 8:1. The
probe measures air and liquid temperature. Calculates
differential temperature (T1-T2).
• NCVT-3P Dual Range Non-contact Voltage Tester with
Flashlight detects low and standard voltage from 12
to 1000 V AC or 70 to 1000V AC for a broad range of
applications.
• Includes all required batteries, manuals, and a pouch.
2 m
CAT III
600V
2 m
IP54
2 m
CAT IV
1000V
IP67
ELECTRICAL TEST KITS
Best-Sellers in Convenient Value Kits
RT250KIT
PREMIUM ELECTRICAL TEST KIT
CL320KIT
HVAC KIT
Visit www.kleintools.com for warnings and instructions.


Similar Part No. - CL320

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
CL320 SUTEX-CL320 Datasheet
744Kb / 7P
3-Channel 20mA Linear LED Driver
More results

Similar Description - CL320

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2361 MAXIM-MAX2361 Datasheet
906Kb / 13P
Evaluation Kits
Rev 2; 5/01
MAX2387 MAXIM-MAX2387 Datasheet
278Kb / 6P
Evaluation Kits
Rev 1; 5/01
logo
Extech Instruments Corp...
TK30 EXTECH-TK30 Datasheet
53Kb / 1P
Electrical/HVAC MultiMeter Test Kits
TK36 EXTECH-TK36 Datasheet
122Kb / 3P
Basic Electrical HVAC Current Clamp Meter Test Kit
logo
Pomona Electronics
4233 POMONA-4233 Datasheet
55Kb / 2P
Test Clip Kits
5673B POMONA-5673B Datasheet
114Kb / 2P
Electrical DMM Test Lead Kit
5904A POMONA-5904A Datasheet
144Kb / 2P
Deluxe Electrical DMM Test Lead kit
logo
List of Unclassifed Man...
4400-094LF ETC2-4400-094LF Datasheet
48Kb / 1P
Electrical Testing per Tusonix standard test plans and Mil-Std-202 Test Methods
logo
Extech Instruments Corp...
TK430 EXTECH-TK430_15 Datasheet
547Kb / 1P
Electrical Test Kit
logo
VIA Technologies, Inc.
ENT-610M VIA-ENT-610M Datasheet
438Kb / 2P
Starter Kits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com