Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4630-54TE-SVC-RTF Datasheet(PDF) 3 Page - Edgecore Networks Corporation

Part # 4630-54TE-SVC-RTF
Description  AS4630-54TE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDGE-CORE [Edgecore Networks Corporation]
Direct Link  https://www.edge-core.com/
Logo EDGE-CORE - Edgecore Networks Corporation

4630-54TE-SVC-RTF Datasheet(HTML) 3 Page - Edgecore Networks Corporation

  4630-54TE-SVC-RTF Datasheet HTML 1Page - Edgecore Networks Corporation 4630-54TE-SVC-RTF Datasheet HTML 2Page - Edgecore Networks Corporation 4630-54TE-SVC-RTF Datasheet HTML 3Page - Edgecore Networks Corporation 4630-54TE-SVC-RTF Datasheet HTML 4Page - Edgecore Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Power
■ PSUs: 2 redundant, load-sharing, hot-swappable AC
■ Input Voltage: 100 to 240 VAC at 50-60 Hz
■ Power Consumption: 150 Watts maximum
Regulatory
■ EN 55032:2015+AC:2016, Class A
■ EN 61000-3-2:2014, Class A
■ EN 61000-3-3:2013
■ FCC Class A
■ VCCI Class A
■ CCC GB 9254-2008, Class A
■ BSMI Class A, CNS 13438
■ IEC 61000-4-2/3/4/5/6/8/11
■ EN 55024:2010+A1:2015
■ EN 55035:2017
■ UL (UL 62368-1 & CSA C22.2 No. 62368-1)
■ CB (IEC/EN 60950-1, IEC/EN 62368-1)
■ CCC GB4943.1-2011
■ BSMI, CNS 14336-1
Warranty
Please check www.edge-core.com for the warranty terms in your
country.
For More Information
To find out more about Edgecore Networks Corporation products
and solutions, visit www.edge-core.com.
About Edgecore Networks Corporation
Edgecore Networks Corporation is in the business of providing
innovative network solutions. In the service provider network, in the
data center or in the cloud, Edgecore Networks Corporation delivers
the soſtware and systems that transform the way the world
connects. Edgecore Networks Corporation serves customers and
partners worldwide. Additional information can be found at
www.edge-core.com.
Edgecore Networks Corporation is a subsidiary of Accton
Technology Corporation, the leading network ODM company. The
Edgecore data center switches are developed and manufactured by
Accton.
To purchase Edgecore Networks solutions, please contact your
Edgecore Networks Corporation representatives at +886 3 563 8888
(HQ) or +1 (949)-336-6801 or authorized resellers.
© Copyright 2023 Edgecore Networks Corporation. The information contained herein
is subject to change without notice. This document is for informational purposes only
and does not set forth any warranty, expressed or implied, concerning any
equipment, equipment feature, or service offered by Edgecore Networks Corporation.
Edgecore Networks Corporation shall not be liable for technical or editorial errors or
omissions contained herein.
Ports
■ Switch Ports:
48 x 10/100/1000BASE-T RJ-45 ports
4 x 10G/25G SFP28 uplink ports
2 x 100G QSFP28 stacking ports (requires NOS to support
hardware stacking feature)
• Note: When a DAC cable is used in a topology, a link issue may be
encountered if the CR4 Auto-Negotiation/Link Training does not turn
on. This can be solved by manually enabling CR4 Auto
Negotiation/Link Training.
■ Management Ports:
1 x RJ-45 serial console
1 x RJ-45 100/1000BASE-T management port
1 x Type-A USB storage port
■ Supported Transceivers and Cables:
10GBASE-RJ-45
10G-DAC/AOC Cable
25GBASE-SR/LR
25G-DAC/AOC Cable
40GBASE-SR4/LR4
40G-DAC/AOC Cable
100GBASE-SR4/CWDM4/LR4
100G-DAC/AOC Cable
• Note: More optics and detailed cabling information can be found at
www.edge-core.com.
Key Components
■ Switch Silicon: Broadcom BCM56371 Trident III 480 Gbps
■ CPU: Intel Atom/Denverton C3558 4-cores 2.2 GHz x86 processor
■ DDR4: 8 GB x 2 SO-DIMM
■ SPI Flash: 16 MB x 2
■ m.2 SSD: 32 GB MLC
■ TPM 1.2 with LPC Interface: ST33ZP24AR28PVSP, ST
Performance
■ Switchibg Capacity: 348 Gbps
■ Forwarding Rate: 744 Mpps
■ MAC Addresses: 16K min./112K max.
■ VLAN IDs: 4K
■ Jumbo Frames: Up to 12,288 bytes
■ Packet Buffer Size: 8 MB Integrated packet buffer memory
LEDs
■ GE RJ-45 SFP+ Port LEDs: Link Status, Activity
■ SFP28 Port LEDs: Port LEDs: Link Speed, Link Status, Activity
■ Ethernet Management Port LED: Link Status, Activity
■ System LEDs: PRI, PSU1, PSU2, STK1, STK2, FAN
Physical and Environmental
■ Dimensions (WxDxH): 43.8 x 47.4 x 4.4 cm (17.24 x 18.66 x 1.73 in)
■ Weight: 6.98 kg (15.39 lb), with two installed PSUs
■ Operating Temperature: 0°C to 45°C (32°F to 113°F)
■ Storage Temperature: -40°C to 70°C (-40°F to 158°F)
■ Operating Humidity: 5% to 95% non-condensing
Soſtware
■ Switch is loaded with Open Network Install Environment (ONIE)
soſtware installer
■ Compatible with the following NOS options: open source
options, plus commercial NOS offerings.
EPS201
Enterprise Switch



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com