Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0808765 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0808765
Description  Type 3 surge protection device - TTC-6P-T3-24DC-UT-I
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0808765 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0808765 Datasheet HTML 1Page - PHOENIX CONTACT 0808765 Datasheet HTML 2Page - PHOENIX CONTACT 0808765 Datasheet HTML 3Page - PHOENIX CONTACT 0808765 Datasheet HTML 4Page - PHOENIX CONTACT 0808765 Datasheet HTML 5Page - PHOENIX CONTACT 0808765 Datasheet HTML 6Page - PHOENIX CONTACT 0808765 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
https://www.phoenixcontact.com/gb/products/1027584
12/30/2019   Page 1 / 7
Type 3 surge protection device - TTC-6P-T3-24DC-UT-I - 1027584
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Type 3 surge protection, consisting of protective plug and base element, with integrated status indicator for
24 V DC power supplies.
Your advantages
 Space-saving installation due to the narrow overall width of 6.2 mm
 Application setup is easy, since it is the same shape as PTCB device circuit breakers
 Low voltage protection level, thanks to diode technology
 Safe behavior in the event of overload, thanks to the integrated disconnect device
 Simple testing and documentation with CHECKMASTER 2, thanks to pluggable protective modules
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4055626522227
Weight per Piece (excluding packing)
37.400 g
Custom tariff number
85363030
Country of origin
Germany
Technical data
Dimensions
Height
105.8 mm
Width
6.2 mm +0.1 mm
Depth
100 mm (incl. DIN rail 7.5 mm)
Ambient conditions
Degree of protection
IP20
Ambient temperature (operation)
-40 °C ... 80 °C
Ambient temperature (storage/transport)
-40 °C ... 80 °C


Similar Part No. - 0808765

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0808765 PHOENIX-0808765 Datasheet
95Kb / 6P
Type 3 surge protection plug - TTC-6P-T3-24DC-I-P
12/30/2019
0808765-0001 PHOENIX-0808765-0001 Datasheet
54Kb / 2P
Zack marker strip - ZBF 6,QR:FORTL.ZAHLEN 1-10
0808765-0051 PHOENIX-0808765-0051 Datasheet
54Kb / 2P
Zack marker strip - ZBF 6,QR:FORTL.ZAHLEN 51-60
More results

Similar Description - 0808765

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2907916 PHOENIX-2907916 Datasheet
250Kb / 9P
Type 3 surge protection device - PLT-SEC-T3-24-FM-UT
2906805 PHOENIX-2906805 Datasheet
124Kb / 4P
Surge protection device - TTC-6-2X1-24DC-PT
09/21/2018
2906834 PHOENIX-2906834 Datasheet
345Kb / 7P
Surge protection device - TTC-6-TVSD-D-24DC-UT-I
03/25/2022
2906835 PHOENIX-2906835 Datasheet
346Kb / 7P
Surge protection device - TTC-6-TVSD-D-48DC-UT-I
03/25/2022
2906848 PHOENIX-2906848 Datasheet
336Kb / 7P
Surge protection device - TTC-6-TVSD-C-24DC-PT-I
03/25/2022
2906851 PHOENIX-2906851 Datasheet
332Kb / 7P
Surge protection device - TTC-6-TVSD-D-24DC-PT-I
03/25/2022
2907325 PHOENIX-2907325 Datasheet
133Kb / 8P
Surge protection device - TTC-3-1X2-24DC-PT
09/12/2020
2907918 PHOENIX-2907918 Datasheet
135Kb / 9P
Type 3 surge protection device - PLT-SEC-T3-120-FM-UT
09/12/2020
1334594 PHOENIX-1334594 Datasheet
514Kb / 12P
Surge protection device - TTC-6P-4X1-24-PT-I
Nov 16, 2022
1334595 PHOENIX-1334595 Datasheet
516Kb / 13P
Surge protection device - TTC-6P-2X2-24-PT-I
Nov 16, 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com