Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RIF-3-RPT-LV-230AC/3X21 Datasheet(PDF) 8 Page - PHOENIX CONTACT

Part # RIF-3-RPT-LV-230AC/3X21
Description  Relay Module - RIF-3-RPT-LV-230AC/3X21
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

RIF-3-RPT-LV-230AC/3X21 Datasheet(HTML) 8 Page - PHOENIX CONTACT

Back Button RIF-3-RPT-LV-230AC/3X21 Datasheet HTML 2Page - PHOENIX CONTACT RIF-3-RPT-LV-230AC/3X21 Datasheet HTML 3Page - PHOENIX CONTACT RIF-3-RPT-LV-230AC/3X21 Datasheet HTML 4Page - PHOENIX CONTACT RIF-3-RPT-LV-230AC/3X21 Datasheet HTML 5Page - PHOENIX CONTACT RIF-3-RPT-LV-230AC/3X21 Datasheet HTML 6Page - PHOENIX CONTACT RIF-3-RPT-LV-230AC/3X21 Datasheet HTML 7Page - PHOENIX CONTACT RIF-3-RPT-LV-230AC/3X21 Datasheet HTML 8Page - PHOENIX CONTACT RIF-3-RPT-LV-230AC/3X21 Datasheet HTML 9Page - PHOENIX CONTACT RIF-3-RPT-LV-230AC/3X21 Datasheet HTML 10Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
https://www.phoenixcontact.com/gb/products/2903292
01/20/2017   Page 8 / 10
Relay Module - RIF-3-RPT-LV-230AC/3X21 - 2903292
Accessories
Insulating sleeve - MPS-IH GY - 0201728
Insulating sleeve, Color: gray
 
 
Insulating sleeve - MPS-IH BK - 0201731
Insulating sleeve, Color: black
 
 
Jumper
Plug-in bridge - FBS 2-6 - 3030336
Plug-in bridge, Pitch: 6.2 mm, Length: 23 mm, Width: 10.7 mm, Number of positions: 2, Color: red
 
 
Plug-in bridge - FBS 2-6 BU - 3036932
Plug-in bridge, Pitch: 6.2 mm, Number of positions: 2, Color: blue
 
 
Plug-in bridge - FBS 2-6 GY - 3032237
Plug-in bridge, Pitch: 6.2 mm, Number of positions: 2, Color: gray
 
 
Terminal marking



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com