Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1027607 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1027607
Description  Accessories - MCC 0,5-MP AU 0,34-0,75
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1027607 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1027607 Datasheet HTML 1Page - PHOENIX CONTACT 1027607 Datasheet HTML 2Page - PHOENIX CONTACT 1027607 Datasheet HTML 3Page - PHOENIX CONTACT 1027607 Datasheet HTML 4Page - PHOENIX CONTACT 1027607 Datasheet HTML 5Page - PHOENIX CONTACT 1027607 Datasheet HTML 6Page - PHOENIX CONTACT 1027607 Datasheet HTML 7Page - PHOENIX CONTACT 1027607 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
https://www.phoenixcontact.com/gb/products/1013419
12/17/2019   Page 1 / 8
Accessories - MCC 0,5-MP AU 0,34-0,75 - 1013419
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Crimp contact, type of contact: Female connector, connection method: Crimp connection, contact surface:
Gold, Conductor cross section flexible: 0.34 ...0.75 mm² , type of packaging: packed in cardboard
Key Commercial Data
Packing unit
100 pc
Minimum order quantity
100 pc
GTIN
GTIN
4055626492407
Weight per Piece (excluding packing)
0.400 g
Custom tariff number
85366990
Country of origin
Germany
Technical data
General
Conductor cross section flexible min.
0.34 mm²
Max. conductor cross section, flexible
0.75 mm²
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Classifications
eCl@ss
eCl@ss 4.0
27260700
eCl@ss 4.1
27260700
eCl@ss 5.0
27260700
eCl@ss 5.1
27260700


Similar Part No. - 1027607

ManufacturerPart #DatasheetDescription
logo
SICK AG
1027607 SICK-1027607 Datasheet
958Kb / 7P
LONG RANGE DISTANCE SENSORS
6100-6-2
logo
PHOENIX CONTACT
1027607 PHOENIX-1027607 Datasheet
1Mb / 13P
DMCC 0,5/ 5-ST-2,54
More results

Similar Description - 1027607

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1012273 PHOENIX-1012273 Datasheet
315Kb / 13P
MCC 0,5/ 9-ST-2,54
1013777 PHOENIX-1013777 Datasheet
49Kb / 1P
Accessories - PTCM-MP-P 0,34-0,75 R
1013778 PHOENIX-1013778 Datasheet
49Kb / 1P
Accessories - PTCM-MP-P 0,14-0,5 R
1013780 PHOENIX-1013780 Datasheet
49Kb / 1P
Accessories - PTCM-MP-P 0,34-0,75
1013781 PHOENIX-1013781 Datasheet
49Kb / 1P
Accessories - PTCM-MP-P 0,14-0,5
1013987 PHOENIX-1013987 Datasheet
49Kb / 1P
Accessories - PTCM-MP-PI 0,34-0,75 R
1013988 PHOENIX-1013988 Datasheet
49Kb / 1P
Accessories - PTCM-MP-PI 0,14-0,5 R
1013989 PHOENIX-1013989 Datasheet
49Kb / 1P
Accessories - PTCM-MP-PI 0,34-0,75
1013990 PHOENIX-1013990 Datasheet
48Kb / 1P
Accessories - PTCM-MP-PI 0,14-0,5
1013420 PHOENIX-1013420 Datasheet
605Kb / 20P
MCC 0,5-MP AU 0,14-0,5 R - Crimp contact
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com