Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G80DBVR Datasheet(PDF) 13 Page - Texas Instruments

Part # SN74LVC1G80DBVR
Description  SN74LVC1G80 Single Positive-Edge-Triggered D-Type Flip-Flop
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1G80DBVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN74LVC1G80DBVR Datasheet HTML 9Page - Texas Instruments SN74LVC1G80DBVR Datasheet HTML 10Page - Texas Instruments SN74LVC1G80DBVR Datasheet HTML 11Page - Texas Instruments SN74LVC1G80DBVR Datasheet HTML 12Page - Texas Instruments SN74LVC1G80DBVR Datasheet HTML 13Page - Texas Instruments SN74LVC1G80DBVR Datasheet HTML 14Page - Texas Instruments SN74LVC1G80DBVR Datasheet HTML 15Page - Texas Instruments SN74LVC1G80DBVR Datasheet HTML 16Page - Texas Instruments SN74LVC1G80DBVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
13
SN74LVC1G80
www.ti.com
SCES221S – APRIL 1999 – REVISED NOVEMBER 2016
Product Folder Links: SN74LVC1G80
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Typical Application (continued)
3. Feedback resistor:
–
A 10-kΩ resistor is chosen here to bias the input so the microcontroller GPIO output can initialize the
input and output. The resistor value is important because a resistance too high, say at 1 MΩ, would
cause too much of a voltage drop, causing the output to no longer be able to drive the input. On the other
hand, a resistor too low, such as a 1 Ω, would not bias enough and might cause current to flow into the
microcontroller, possibly damaging the device.
9.2.3 Application Curve
Figure 6. Frequency Division



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com