Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC4245APWT.B Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74LVC4245APWT.B
Description  SN74LVC4245A Octal Bus Transceiver and 3.3-V to 5-V Shifter With 3-State Outputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC4245APWT.B Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC4245APWT.B Datasheet HTML 1Page - Texas Instruments SN74LVC4245APWT.B Datasheet HTML 2Page - Texas Instruments SN74LVC4245APWT.B Datasheet HTML 3Page - Texas Instruments SN74LVC4245APWT.B Datasheet HTML 4Page - Texas Instruments SN74LVC4245APWT.B Datasheet HTML 5Page - Texas Instruments SN74LVC4245APWT.B Datasheet HTML 6Page - Texas Instruments SN74LVC4245APWT.B Datasheet HTML 7Page - Texas Instruments SN74LVC4245APWT.B Datasheet HTML 8Page - Texas Instruments SN74LVC4245APWT.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 Absolute Maximum Ratings........................................ 4
6.3 ESD Ratings............................................................... 4
6.4 Recommended Operating Conditions.........................5
6.5 Recommended Operating Conditions.........................5
6.6 Thermal Information....................................................5
6.7 Electrical Characteristics.............................................6
6.8 Electrical Characteristics.............................................6
6.9 Switching Characteristics............................................7
6.10 Operating Characteristics......................................... 7
6.11 Typical Characteristics.............................................. 7
7 Parameter Measurement Information............................ 8
7.1 A Port.......................................................................... 8
7.2 B Port.......................................................................... 9
8 Detailed Description......................................................10
8.1 Overview................................................................... 10
8.2 Functional Block Diagram......................................... 10
8.3 Feature Description...................................................10
8.4 Device Functional Modes..........................................10
9 Application and Implementation.................................. 11
9.1 Application Information..............................................11
9.2 Typical Application.................................................... 11
10 Power Supply Recommendations..............................13
10.1 Power-Up Consideration.........................................13
11 Layout........................................................................... 13
11.1 Layout Guidelines................................................... 13
11.2 Layout Example...................................................... 13
12 Device and Documentation Support..........................14
12.1 Documentation Support.......................................... 14
12.2 Receiving Notification of Documentation Updates..14
12.3 Support Resources................................................. 14
12.4 Trademarks.............................................................14
12.5 Electrostatic Discharge Caution..............................14
12.6 Glossary..................................................................14
13 Mechanical, Packaging, and Orderable
Information.................................................................... 14
4 Revision History
Changes from Revision I (January 2015) to Revision J (December 2022)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document..................1
• Updated thermals for DB and PW package........................................................................................................5
Changes from Revision H (March 2005) to Revision I (January 2015)
Page
• Added Applications, Device Information table, Pin Functions table, ESD Ratings table, Thermal Information
table, Typical Characteristics, Feature Description section, Device Functional Modes, Application and
Implementation section, Power Supply Recommendations section, Layout section, Device and
Documentation Support section, and Mechanical, Packaging, and Orderable Information section................... 1
• Deleted Ordering Information table.....................................................................................................................1
SN74LVC4245A
SCAS375J – MARCH 1994 – REVISED DECEMBER 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: SN74LVC4245A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com