Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC4245APWR.B Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC4245APWR.B
Description  SN74LVC4245A Octal Bus Transceiver and 3.3-V to 5-V Shifter With 3-State Outputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC4245APWR.B Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC4245APWR.B Datasheet HTML 1Page - Texas Instruments SN74LVC4245APWR.B Datasheet HTML 2Page - Texas Instruments SN74LVC4245APWR.B Datasheet HTML 3Page - Texas Instruments SN74LVC4245APWR.B Datasheet HTML 4Page - Texas Instruments SN74LVC4245APWR.B Datasheet HTML 5Page - Texas Instruments SN74LVC4245APWR.B Datasheet HTML 6Page - Texas Instruments SN74LVC4245APWR.B Datasheet HTML 7Page - Texas Instruments SN74LVC4245APWR.B Datasheet HTML 8Page - Texas Instruments SN74LVC4245APWR.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
SN74LVC4245A Octal Bus Transceiver and 3.3-V to 5-V Shifter
With 3-State Outputs
1 Features
• Bidirectional voltage translator
• 5.5 V on A port and 2.7 V to 3.6 V on B port
• Control inputs VIH/VIL levels are referenced to
VCCA voltage
• Latch-up performance exceeds 250 mA per JESD
17
• ESD protection exceeds JESD 22
– 2000-V Human-Body Model
– 1000-V Charged-Device Model
2 Applications
• ATCA solutions
• CPAP machines
• Cameras: surveillance analog
• Chemical or gas sensors
• CT scanners
• DLP 3D machine vision and optical networking
• Digital signage
• ECGs: electrocardiograms
• Field transmitters: pressure sensors and
temperature sensors
• High-speed data acquisition and generation
• HMI (human machine interface)
• RF4CE remote controls
• Server motherboards
• Software defined radios (SDR)
• Wireless LAN cards and data access cards
• X-ray: medical, dental, and baggage scanners
3 Description
This 8-bit (octal) noninverting bus transceiver contains
two separate supply rails; B port has VCCB, which is
set at 3.3 V, and A port has VCCA, which is set at 5
V. This allows for translation from a 3.3-V to a 5-V
environment, and vice versa.
The
SN74LVC4245A
device
is
designed
for
asynchronous communication between data buses.
The device transmits data from the A bus to the
B bus or from the B bus to the A bus, depending
on the logic level at the direction-control (DIR) input.
The output-enable (OE) input can be used to disable
the device so the buses are effectively isolated. The
control circuitry (DIR, OE) is powered by VCCA.
The SN74LVC4245A device terminal out allows the
designer to switch to a normal all-3.3-V or all-5-V
20-terminal SN74LVC4245 device without board re-
layout. The designer uses the data paths for pins 2–
11 and 14–23 of the SN74LVC4245A device to align
with the conventional '245 terminal out.
Package Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74LVC4245A
DB (SSOP, 24)
8.20 mm × 5.30 mm
DW (SOIC, 24)
15.40 mm × 7.50 mm
PW (TSSOP, 24)
7.80 mm × 4.40 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
DIR
OE
A1
B1
To Seven Other Channels
2
3
22
21
Simplified Schematic
SN74LVC4245A
SCAS375J – MARCH 1994 – REVISED DECEMBER 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74LVC4245APWR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC4245APWR TI-SN74LVC4245APWR Datasheet
215Kb / 13P
OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
SN74LVC4245APWR TI-SN74LVC4245APWR Datasheet
366Kb / 15P
OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
SN74LVC4245APWR TI-SN74LVC4245APWR Datasheet
404Kb / 15P
OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
SN74LVC4245APWRE4 TI-SN74LVC4245APWRE4 Datasheet
215Kb / 13P
OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
SN74LVC4245APWRE4 TI-SN74LVC4245APWRE4 Datasheet
366Kb / 15P
OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVC4245APWR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC4245A TI-SN74LVC4245A Datasheet
215Kb / 13P
OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LVC4245A RENESAS-HD74LVC4245A Datasheet
110Kb / 11P
Octal Bus Transceiver and 3.3 V to 5 V shifters with 3-state Outputs
logo
Texas Instruments
SN74LVC4245A-EP TI-SN74LVC4245A-EP Datasheet
201Kb / 13P
OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
SN74LVC4245A TI-SN74LVC4245A_07 Datasheet
366Kb / 15P
OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LVC4245A RENESAS-HD74LVC4245A_05 Datasheet
92Kb / 9P
Octal Bus Transceiver and 3.3 V to 5 V shifters with 3-state Outputs
logo
Texas Instruments
SN74LVC4245A TI-SN74LVC4245A_08 Datasheet
404Kb / 15P
OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LVC4245A RENESAS-HD74LVC4245A_15 Datasheet
118Kb / 11P
Octal Bus Transceiver and 3.3 V to 5 V shifters with 3-state Outputs
logo
Texas Instruments
SN74LVC4245A-EP TI1-SN74LVC4245A-EP_15 Datasheet
513Kb / 15P
OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
logo
Diodes Incorporated
74LVT245BB DIODES-74LVT245BB Datasheet
495Kb / 10P
3.3 V OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS
June 2016
logo
Texas Instruments
SN74LV8T245 TI-SN74LV8T245_V02 Datasheet
1Mb / 31P
SN74LV8T245 1.65 V to 5 V, Octal Bus Transceiver With 3-State Outputs and Logic Level Shifter
REVISED APRIL 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com