Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8124/05 Datasheet(PDF) 1 Page - 3M Electronics

Part # 8124/05
Description  3M™ Round Conductor Flat Cable .100" 22 AWG Stranded, PVC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8124/05 Datasheet(HTML) 1 Page - 3M Electronics

  8124/05 Datasheet HTML 1Page - 3M Electronics 8124/05 Datasheet HTML 2Page - 3M Electronics 8124/05 Datasheet HTML 3Page - 3M Electronics 8124/05 Datasheet HTML 4Page - 3M Electronics 8124/05 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Round Conductor Flat Cable
.100" 22 AWG Stranded, PVC
8124 Series
• Designed for power applications requiring higher
current carrying capability
• 22 AWG tinned stranded copper wire provides
flexibility and extended product life
• Individually insulated conductors are laminated to a
PVC backing which can be zipped apart for
branching or discrete terminations
• See Regulatory Information Appendix (RIA) for
chemical compliance information
(RIA E1 & C1 apply)
Date Modified: May 15, 2009
TS-0084-B
Sheet 1 of 2
Physical
Insulation:
Material: Polyvinyl Chloride (PVC)
Color: Dark Gray Wires on Light Gray Carrier
Marking:
Standard: None
Canadian Option:
AWM 20462 105C 300V VW1 3M NU C
AWM IA 80C 150V FT1 EU <50V
Conductors: 22 AWG 7 × 30 [ 7 × 0.254 ] Tinned Stranded Copper
Electrical
Voltage Rating: USA: 300V
Canada: 150V
EU: <50V
Insulation Resistance: > 1 × 1010
Ω/10 ft. [ 3 m ]
Characteristic Impedance: Unbalanced: 119 Ω
Capacitance: Unbalanced: 11.0 pF/ft [ 36.1 pF/m ]
Inductance: Unbalanced: 0.15 μH/ft [ 0.49 μH/m ]
Propagation Delay: Unbalanced: 1.30 ns/ft [ 4.27 ns/m ]
Velocity of Propagation: Unbalanced: 78%
Note: Unbalanced is measured between ground-signal-ground conductors.
Environmental
Temperature Rating: -20°C to +105°C
Canada: -20°C to +80°C
Flammability Rating: USA: VW-1
Canada: FT1
UL File No.: E42769, Style No: 20462


Similar Part No. - 8124/05

ManufacturerPart #DatasheetDescription
logo
Sonardyne sound in dept...
8124 SONARDYNE-8124 Datasheet
398Kb / 2P
Dynamic Positioning Transponder (DPT)
logo
Keystone Electronics Co...
8124 KEYSTONE-8124 Datasheet
279Kb / 1P
METAL CABLE CLAMPS
31-07 20th
logo
RAF ELECTRONIC HARDWARE
8124-832-A RAF-8124-832-A Datasheet
117Kb / 1P
ROUND INTERNAL THREAD HANDLE
8124-832-SS RAF-8124-832-SS Datasheet
98Kb / 1P
ROUND INTERNAL THREAD HANDLE
logo
Festo Corporation.
8124400 FESTO-8124400 Datasheet
104Kb / 2P
Ball screw linear actuator
More results

Similar Description - 8124/05

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3365 3M-3365 Datasheet
1Mb / 5P
3M Round Conductor Flat Cable .050 28 AWG Stranded, PVC
07-May-2009
3659 3M-3659_1 Datasheet
1Mb / 5P
3M Round, Shielded/Jacketed, Flat Cable .050 28 AWG Stranded, Mass Terminatable, PVC/PVC
11-May-2009
HF625 3M-HF625 Datasheet
917Kb / 3P
3M™ Round Conductor Flat Cable
03-Dec-2010
3625 3M-3625 Datasheet
830Kb / 6P
3M™ Round Conductor Flat Cable
13-May-2009
3609 3M-3609 Datasheet
1Mb / 5P
3M™ Round Conductor Flat Cable
12-May-2009
3625-40100M 3M-3625-40100M Datasheet
870Kb / 5P
3M™ Round Conductor Flat Cable 1.0 mm 28 AWG Stranded, PVC
13-May-2009
M3KKK-3006J 3M-M3KKK-3006J Datasheet
1Mb / 5P
3M Round Conductor Flat Cable
07-May-2009
3365-SERIES 3M-3365-SERIES Datasheet
1Mb / 5P
3M™ Round Conductor Flat Cable
07-May-2009
3609 3M-3609_V01 Datasheet
848Kb / 3P
3M??Round Conductor Flat Cable .025 30 AWG Stranded, FEP
October 31, 2013
3896 3M-3896 Datasheet
752Kb / 5P
3M??Round, Jacketed, Flat Cable .025 30 AWG Stranded, Mass-Term, PVC/PVC
May 14, 2009
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com