Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED24VCORD Datasheet(PDF) 1 Page - Pentair Equipment Protection - Hoffman

Part # LED24VCORD
Description  PANELIT E Enclosure Lights Overview
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOFFMANPRODUCTS [Pentair Equipment Protection - Hoffman]
Direct Link  
Logo HOFFMANPRODUCTS - Pentair Equipment Protection - Hoffman

LED24VCORD Datasheet(HTML) 1 Page - Pentair Equipment Protection - Hoffman

  LED24VCORD Datasheet HTML 1Page - Pentair Equipment Protection - Hoffman LED24VCORD Datasheet HTML 2Page - Pentair Equipment Protection - Hoffman LED24VCORD Datasheet HTML 3Page - Pentair Equipment Protection - Hoffman LED24VCORD Datasheet HTML 4Page - Pentair Equipment Protection - Hoffman LED24VCORD Datasheet HTML 5Page - Pentair Equipment Protection - Hoffman LED24VCORD Datasheet HTML 6Page - Pentair Equipment Protection - Hoffman  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ElEctrical accEssoriEs Lighting Packages
Spec-00581 L
EQUIPMENT PROTECTION
SUBJECT TO CHANGE WITHOUT NOTICE
accEssoriEs
1
Spec-00581
PaNElitE ENclosurE lights ovErviEw
iNDustrY staNDarDs
PaNElitE lED and Fluorescent Enclosure lights
UL 508A Component Recognized; File No. E61997
cUL Component Recognized per CSA C22.2 No 14; File No.
E61997
CSA File No. 42186
Maintains UL/CSA Type 4, 4X and 12 enclosure rating when properly
installed in a Hoffman enclosure.
230 vac Fluorescent Enclosure light
UL 508A Component Recognized; File No. E234324
cUL Component Recognized per CSA C22.2 No 14; File No.
E61997
CE
lED light
UL 508A Component Recognized; File No. E234324
cUL Component Recognized per CSA C22.2 No 14; File No.
E234324
CE
Ingress protection : IP 20
Maintains enclosure type rating up to 4X when installed per instructions
aPPlicatioN
Versatile, slim-profile LED and fluorescent lights provide mounting
flexibility and are easy to install in any enclosure. Terminal
blocks allow for easy wiring. Accessories include ganging cables,
power cords and door switches, all provided with plug-and-play
connectors for easy connection to the terminal blocks with an
innovative terminal connection system. LED version provides
superior lighting performance with minimal power consumption.
FEaturEs
Slim profile allows light to be tucked out of the way for easy panel
installation
Versatile mounting allows the light to be positioned horizontally
or vertically; two-way mounting provides for ideal orientation
Includes mounting hardware for the following enclosure
installations: PROLINE Frame, Enclosure Top, Panel Mount and
Unistrut
On/off switch incorporated in light; optional remote door switch
accessory available to activate light when enclosure door is
opened (230 VAC Fluorescent Enclosure Light has switch or
door-activated sensor)
PaNElitE only:
Mounting tabs provide easy access point for attachment
hardware; light does not need to be disassembled for installation
Up to five lights can be daisy-chained together
Plug-and-play terminal connection system:
- Pre-wired connection sockets on both ends of light allow use
of Hoffman cable accessories
- Optional terminal blocks snap into the connection sockets,
allowing customers to use their own wiring methods; two
terminal blocks provided with each light kit
- Power supply can be wired manually with Hoffman PANELITE
Power Cable with Leads or with Hoffman optional PANELITE
Power Cord
- Ganging cables are available in 2-, 4- and 6-ft. lengths to easily
join up to five lights together using one power supply
- Remote door switch for easy door activation eliminates need to
mount light in the exact location required to activate the light
lED light only:
Mechanical screw- or magnetic mount (non-slip rubberized)
Protection Class II (double insulated)
Operating temperature -22 F to 140 F (-30 C to 60 C)
On / Off or motion-sensor activation
LED lights with 400 LM illumination; 120° angle of illumination
Low, 5-watt power requirement
Light-weight, all-composite construction
Input and output connectors included with light (16 AWG)
sPEciFicatioNs
PaNElitE:
Extruded aluminum center support
Black composite end caps
Black composite mounting tabs
Each light fixture includes two mounting tabs, two pre-wired
connection sockets, two optional terminal blocks that snap into
the connection sockets and enclosure attachment hardware (bulb
not included with fluorescent light)
230 vac Fluorescent Enclosure light:
Light gray composite construction – UL 94V-O material
Hardware kit provides fasteners to mount to PROLINE, NEMA (4,
4X, 12, and 13), CONCEPT, FUSION and other cabinets
Easy-access terminal block that accommodates up to 16 AWG
wires
Fluorescent light bulb included (2G7 Base)
lED light:
LED (Light Emitting Diode) low-power light kit
Screw mounting using included hardware kit (maintains
enclosure rating up to UL Type 4X)
No user-serviceable parts
Life expectancy of 60,000 hours at 68 F (20 C) under
specifications
Operating temperature: -22 to +140 F (-30 to +60 C) under
specifications
5-watt power consumption
Transparent, composite construction


Similar Part No. - LED24VCORD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED24VCORD ETC2-LED24VCORD Datasheet
1Mb / 6P
PANELITE Enclosure Lights Overview
More results

Similar Description - LED24VCORD

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
QL65E7S-A ROITHNER-QL65E7S-A Datasheet
180Kb / 3P
OVERVIEW
QL68I6S-A ROITHNER-QL68I6S-A Datasheet
250Kb / 3P
OVERVIEW
QL78J6S-A ROITHNER-QL78J6S-A Datasheet
243Kb / 3P
OVERVIEW
QL85J6S-A-L ROITHNER-QL85J6S-A-L Datasheet
141Kb / 3P
OVERVIEW
QL86T4HD ROITHNER-QL86T4HD Datasheet
220Kb / 3P
OVERVIEW
logo
List of Unclassifed Man...
ALFSWD ETC2-ALFSWD Datasheet
1Mb / 6P
PANELITE Enclosure Lights Overview
logo
PHOENIX CONTACT
2702228 PHOENIX-2702228 Datasheet
116Kb / 6P
LED enclosure light - PLD E 608 W 315/E
2702312 PHOENIX-2702312 Datasheet
48Kb / 1P
Set for magnetic mounting of class 400 PLD enclosure lights
2702315 PHOENIX-2702315 Datasheet
45Kb / 2P
Set for magnetic mounting of class 600 PLD enclosure lights
1319565 PHOENIX-1319565 Datasheet
501Kb / 8P
LED enclosure light - PLD E 706 W 395 E
Nov 16, 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com