Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FES16AT Datasheet(PDF) 3 Page - ON Semiconductor

Part # FES16AT
Description  Fast Rectifiers (Glass Passivated)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FES16AT Datasheet(HTML) 3 Page - ON Semiconductor

  FES16AT Datasheet HTML 1Page - ON Semiconductor FES16AT Datasheet HTML 2Page - ON Semiconductor FES16AT Datasheet HTML 3Page - ON Semiconductor FES16AT Datasheet HTML 4Page - ON Semiconductor FES16AT Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FES16AT - FES16JT, Rev. C
2001 Fairchild Semiconductor Corporation
Typical Characteristics
Pulse
Generator
(Note 2)
50
Ω
NONINDUCTIVE
50
Ω
NONINDUCTIVE
DUT
(-)
(+)
OSCILLOSCOPE
(Note 1)
50
Ω
NONINDUCTIVE
50V
(approx)
Reverse Recovery Time Characterstic and Test Circuit Diagram
1.0cm
SET TIME BASE FOR
trr
+0.5A
0
-0.25A
-1.0A
5/ 10 ns/ cm
0
255075
100
125
150
175
0
4
8
12
16
20
Ambient Temperature [ºC]
SINGLE PHASE
HALF WAVE
60HZ
RESISTIVE OR
INDUCTIVE LOAD
.375" (9.0mm) LEAD
LENGTHS
0
2040
6080
100
120
140
0.1
1
10
100
1000
Percent of Rated Peak Reverse Voltage [%]
T = 25 C
º
A
T = 100 C
º
A
1
2
5
10
20
50
100
0
50
100
150
200
250
Number of Cycles at 60Hz
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0.01
0.1
1
10
100
Forward Voltage, V
F [V]
Pulse Width = 300
µµµµs
2% Duty Cycle
T = 25 C
º
A
FES16AT-FES16DT
FES16FT-FES16JT
12
5
10
20
50
100
0
50
100
150
200
250
300
Reverse Voltage, VR [V]
FES16FT-FES16JT
FES16AT-FES16DT
Figure 1. Forward Current Derating Curve
Figure 2. Non-Repetitive Surge Current
Figure 5. Total Capacitance
Figure 3. Forward Voltage Characteristics
Figure 4. Reverse Current vs Reverse Voltage



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com