Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ET4202-RJ45 Datasheet(PDF) 2 Page - Edgecore Networks Corporation

Part # ET4202-RJ45
Description  L2/Lite L3 10G Multi-Gigabit Ethernet Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDGE-CORE [Edgecore Networks Corporation]
Direct Link  https://www.edge-core.com/
Logo EDGE-CORE - Edgecore Networks Corporation

ET4202-RJ45 Datasheet(HTML) 2 Page - Edgecore Networks Corporation

  ET4202-RJ45 Datasheet HTML 1Page - Edgecore Networks Corporation ET4202-RJ45 Datasheet HTML 2Page - Edgecore Networks Corporation ET4202-RJ45 Datasheet HTML 3Page - Edgecore Networks Corporation ET4202-RJ45 Datasheet HTML 4Page - Edgecore Networks Corporation ET4202-RJ45 Datasheet HTML 5Page - Edgecore Networks Corporation ET4202-RJ45 Datasheet HTML 6Page - Edgecore Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Superior Management
An industry-standard command-line interface (CLI), accessed
through the console port or Telnet/SSH, provides a familiar user
interface and command set for users to manage the switch.
An embedded user-friendly web interface helps users to quickly
and simply configure switches.
The ECS5500-12T/12P supports SNMPv1,2c,3 and four-group
RMON. The switch provides a complete private MIB for the
configuration of most functions via the SNMP protocol.
Administrators can backup and restore firmware and
configuration files via TFTP or FTP. The switch also provides the
configuration of auto-provision for ease of use in large
deployments.
AAA (Authentication, Authorization and Accounting) via RADIUS,
TACACS+, enables centralized control of the switches. Access
rights can be authorized per user and account for all actions
performed by administrators.
Service Monitoring and Management
The ECS5500-12T/12P supports IEEE 802.1ag and ITU-T Y.1731,
allowing service providers to monitor end-to-end services,
identify connectivity and performance issues, and isolate
problems from a remote location without dispatching an
engineer onsite.
The switch also provides the capability to monitor service
availability, delay, jitter, and dropped packets for verifying SLA
conformance (for billing purposes) and providing advance
indication of performance degradation before a service outage
occurs.
Virtual Private Networks
The ECS5500-12T/12P supports Layer 2 VPNs by using Q-in-Q
functions, where an 802.1Q tag from a customer VLAN (called
CE-VLAN ID) is encapsulated in a second 802.1Q tag from a
service-provider network (called an SP-VLAN ID). The switch
supports rewriting the VLAN tag of egress traffic when the
ingress traffic is tagged.
The switch also supports Layer 2 Protocol Tunneling for STP,
CDP, VTP, PVST+, with Cisco-proprietary multicast address
(01-00-0c-cd-cd-d0) replacement.
Reliability and Energy Efficiency
The design of the ECS5500-12T/12P incorporates high energy
efficiency in order to reduce the impact on the environment. The
Green Ethernet power-saving features and smart-fan design
significantly reduce the power consumption.
Private VLANs (traffic segmentation per port) isolate edgeports
to ensure userprivacy.
DAI (Dynamic ARP Inspection) is a security feature that validates
Address Resolution Protocol (ARP) packets in a network. DAI
allows a network administrator to intercept, log, and discard ARP
packets with invalid MAC-to-IP address bindings.
Secure Shell (SSH) and Secure Sockets Layer (SSL/HTTPS)
encrypt Telnet and web access to the switch, providing secure
network management.
The ECS5500-12T/12P also supports both RADIUS and TACACS+
authentication methods to secure your network.
Comprehensive QoS
The ECS5500-12T/12P offers advanced QoS for marking,
classification, and scheduling to deliver best-in-class
performance for data, voice, and video traffic at wire speed. Eight
egress queues per port enable differentiated management of up
to eight traffic types through the switch.
Traffic is prioritized according to 802.1p and DSCP to provide
optimal performance for real-time applications. Weighted Round
Robin (WRR) and strict priority ensure differential prioritization of
packet flows and avoid congestion of ingress and egress queues.
Asymmetric bidirectional rate-limiting, per port or per traffic
class, preserves network bandwidth and allows maximum
control of networkresources.
Robust Multicast Control
IGMP snooping prevents the flooding of multicast traffic by
dynamically configuring switch ports so that multicast traffic is
forwarded to only those ports associated with an IP multicast
receiver. IGMP increases the performance of networks by
reducing multicast trafficflooding.
IGMP groups allow you to create customer packages for IP-TV
channels, making switch configuration easy. IGMP Filtering
prevents subscribers seeing unsubscribed IP-TV channels. And,
IGMP Throttling allows you to set how many IP-TV channels a
subscriber can receivesimultaneously.
Multicast VLANs are shared in the network, while subscribers
remain in separate VLANs. This increases network security and
saves bandwidth on core links. Multicast streams do not have to
be routed in core L3 switches, which saves CPU power.
Multicast VLAN Registration (MVR) is designed for applications
such as Media-on-Demand that send multicast traffic across an
Ethernet network.
IPv6 Support
The switch supports a number of IPv6 features, including IPv6
Management, DHCPv6 Snooping with Option 37, IPv6 Source
Guard, and MVR6.
L2+/Lite L3 10GbE Access Switch
Datasheet



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com