Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC444LP4 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC444LP4
Description  SMT GaAs HBT MMIC x8 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.2 GHz OUTPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC444LP4 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC444LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC444LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC444LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC444LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC444LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC444LP4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
7
7 - 58
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
General Description
Features
Functional Diagram
Output Power: +6 dBm
Sub-Harmonic Suppression: >25 dBc
SSB Phase Noise: -136 dBc/Hz
Single Supply: +5V@ 68 mA
24 Lead 4x4 mm SMT Package: 16 mm2
Electrical Specifications, T
A = +25° C, Vcc= 5.0V
Typical Applications
Active Multiplier for X Band Applications:
• Fiber Optic
• Point-to-Point Radios
• Military Radar
The
HMC444LP4
&
HMC444LP4E
are
active
miniature x8 frequency multipliers utilizing InGaP
GaAs HBT technology in 4x4 mm leadless surface
mount packages. Power output is +6 dBm typical
from a 5.0V supply voltage and varies little vs. input
power, temperature and supply voltage. Suppression
of undesired fundamental and sub-harmonics is >25
dBc typical with respect to output signal level. The
low additive SSB phase noise of -136 dBc/Hz at 100
kHz offset helps the user maintain good system noise
performance. The HMC444LP4 & HMC444LP4E are
ideal for use in LO multiplier chains allowing reduced
parts count vs. traditional approaches.
Parameter
Min.
Typ.
Max.
Units
Frequency Range, Input
1.2375 - 1.40
GHz
Frequency Range, Output
9.9 - 11.2
GHz
Input Power Range
-15
+5
dBm
Output Power
36
dBm
Sub-Harmonic Suppression
25
dBc
Input Return Loss
22
dB
Output Return Loss
7dB
SSB Phase Noise (100 kHz Offset)
Pin= 0 dBm
-136
dBc/Hz
Supply Current (Icc)
68
91
mA
HMC444LP4 / 444LP4E
SMT GaAs HBT MMIC x8 ACTIVE
FREQUENCY MULTIPLIER, 9.9 - 11.2 GHz OUTPUT
v03.0907


Similar Part No. - HMC444LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC444LP4 HITTITE-HMC444LP4 Datasheet
248Kb / 6P
SMT GaAs HBT MMIC x8 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.2 GHz OUTPUT
HMC444LP4 HITTITE-HMC444LP4 Datasheet
250Kb / 6P
SMT GaAs HBT MMIC x8 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.2 GHz OUTPUT
logo
Analog Devices
HMC444LP4 AD-HMC444LP4 Datasheet
365Kb / 6P
SMT GaAs HBT MMIC x8 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.2 GHz OUTPUT
logo
Hittite Microwave Corpo...
HMC444LP4E HITTITE-HMC444LP4E Datasheet
250Kb / 6P
SMT GaAs HBT MMIC x8 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.2 GHz OUTPUT
logo
Analog Devices
HMC444LP4E AD-HMC444LP4E Datasheet
365Kb / 6P
SMT GaAs HBT MMIC x8 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.2 GHz OUTPUT
More results

Similar Description - HMC444LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC443LP4 HITTITE-HMC443LP4 Datasheet
251Kb / 6P
SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 9.8 - 11.2 GHz OUTPUT
HMC444LP4 HITTITE-HMC444LP4 Datasheet
248Kb / 6P
SMT GaAs HBT MMIC x8 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.2 GHz OUTPUT
HMC369LP3 HITTITE-HMC369LP3_07 Datasheet
223Kb / 6P
SMT GaAs HBT MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 12.7 GHz OUTPUT
HMC445LP4 HITTITE-HMC445LP4_07 Datasheet
632Kb / 6P
SMT GaAs HBT MMIC x16 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.0 GHz OUTPUT
HMC443LP4 HITTITE-HMC443LP4_07 Datasheet
631Kb / 6P
SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 9.8 - 11.2 GHz OUTPUT
HMC369LP3 HITTITE-HMC369LP3_10 Datasheet
235Kb / 6P
SMT GaAs HBT MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 12.7 GHz OUTPUT
HMC443LP4 HITTITE-HMC443LP4_10 Datasheet
251Kb / 6P
SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 9.8 - 11.2 GHz OUTPUT
HMC444LP4 HITTITE-HMC444LP4_10 Datasheet
250Kb / 6P
SMT GaAs HBT MMIC x8 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.2 GHz OUTPUT
HMC445LP4 HITTITE-HMC445LP4_10 Datasheet
252Kb / 6P
SMT GaAs HBT MMIC x16 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.0 GHz OUTPUT
logo
Analog Devices
HMC444LP4 AD-HMC444LP4 Datasheet
365Kb / 6P
SMT GaAs HBT MMIC x8 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.2 GHz OUTPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com