Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDP142I Datasheet(PDF) 13 Page - Texas Instruments

Part # TDP142I
Description  TDP142 DisplayPortTM 8.1 Gbps Linear Redriver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDP142I Datasheet(HTML) 13 Page - Texas Instruments

Back Button TDP142I Datasheet HTML 9Page - Texas Instruments TDP142I Datasheet HTML 10Page - Texas Instruments TDP142I Datasheet HTML 11Page - Texas Instruments TDP142I Datasheet HTML 12Page - Texas Instruments TDP142I Datasheet HTML 13Page - Texas Instruments TDP142I Datasheet HTML 14Page - Texas Instruments TDP142I Datasheet HTML 15Page - Texas Instruments TDP142I Datasheet HTML 16Page - Texas Instruments TDP142I Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
13
TDP142
www.ti.com
SLLSEZ1C – SEPTEMBER 2017 – REVISED MAY 2019
Product Folder Links: TDP142
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
8.4 Device Functional Modes
8.4.1 Device Configuration in GPIO Mode
The TDP142 is in GPIO configuration when I2C_EN = “0”. The DPEN pin controls whether DisplayPort is
enabled and SNOOPENZ pin controls whether AUX snoop mode is enabled.
8.4.2 Device Configuration In I2C Mode
The TDP142 is in I2C mode when I2C_EN is not equal to “0”. The same configurations defined in GPIO mode
are also available in I2C mode. The TDP142 DisplayPort configuration is programmed based on the
Programming section .
8.4.3 Linear EQ Configuration
The receiver equalization gain value can be controlled either through I2C registers or through GPIOs. Table 2
details the gain value for each available combination when TDP142 is in GPIO mode. The I2C mode can do the
same option or even individual lane EQ setting by updating registers DP0EQ_SEL, DP1EQ_SEL, DP2EQ_SEL,
and DP3EQ_SEL.
Table 2. TDP142 Receiver Equalization GPIO Control
Equalization Setting #
ALL DISPLAYPORT LANES
DPEQ1 PIN LEVEL
DPEQ0 PIN LEVEL
EQ GAIN at 4.05 GHz (dB)
0
0
0
1.0
1
0
R
3.3
2
0
F
4.9
3
0
1
6.5
4
R
0
7.5
5
R
R
8.6
6
R
F
9.5
7
R
1
10.4
8
F
0
11.1
9
F
R
11.7
10
F
F
12.3
11
F
1
12.8
12
1
0
13.2
13
1
R
13.6
14
1
F
14.0
15
1
1
14.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com