Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF85263A Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCF85263A
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263A Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCF85263A Datasheet HTML 16Page - NXP Semiconductors PCF85263A Datasheet HTML 17Page - NXP Semiconductors PCF85263A Datasheet HTML 18Page - NXP Semiconductors PCF85263A Datasheet HTML 19Page - NXP Semiconductors PCF85263A Datasheet HTML 20Page - NXP Semiconductors PCF85263A Datasheet HTML 21Page - NXP Semiconductors PCF85263A Datasheet HTML 22Page - NXP Semiconductors PCF85263A Datasheet HTML 23Page - NXP Semiconductors PCF85263A Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 100 page
background image
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4.1 — 27 November 2015
20 of 100
NXP Semiconductors
PCF85263A
Tiny RTC with alarm, battery switch-over, and I2C-bus
8.4.1.2
Alarm1 and alarm2 control in RTC mode
Table 13.
Alarm1 and alarm2 registers in RTC mode coded in BCD (RTCM = 0)
Bit positions labeled as - are not implemented.
Address
Register name
Upper-digit (ten’s place)
Digit (unit place)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RTC alarm1 registers
08h
Second_alarm1
-
0 to 5
0 to 9
09h
Minute_alarm1
-
0 to 5
0 to 9
0Ah
Hour_alarm1
-
-
AMPM 0 to 1
0 to 9
0 to 2
0 to 9
0Bh
Day_alarm1
-
-
0 to 3
0 to 9
0Ch
Month_alarm1
-
-
-
0 to 1
0 to 9
RTC alarm2 registers
0Dh
Minute_alarm2
-
0 to 5
0 to 9
0Eh
Hour_alarm2
-
-
AMPM 0 to 1
0 to 9
0 to 2
0 to 9
0Fh
Weekday_alarm2 ---
--0 to 6
Table 14.
Alarm_enables- alarm enable control register (address 10h) bit
description
Bit
Symbol
Value
Description
RTC alarm2
7
WDAY_A2E
weekday alarm2 enable
0[1]
disabled
1
enabled
6HR_A2E
hour alarm2 enable
0[1]
disabled
1
enabled
5
MIN_A2E
minute alarm2 enable
0[1]
disabled
1
enabled
RTC alarm1
4
MON_A1E
month alarm1 enable
0[1]
disabled
1
enabled
3DAY_A1E
day alarm1 enable
0[1]
disabled
1
enabled
2HR_A1E
hour alarm1 enable
0[1]
disabled
1
enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com