Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7347IPHPR Datasheet(PDF) 7 Page - Texas Instruments

Part # THS7347IPHPR
Description  3-Channel RGBHV Video Buffer with I2C™ Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS7347IPHPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS7347IPHPR Datasheet HTML 3Page - Texas Instruments THS7347IPHPR Datasheet HTML 4Page - Texas Instruments THS7347IPHPR Datasheet HTML 5Page - Texas Instruments THS7347IPHPR Datasheet HTML 6Page - Texas Instruments THS7347IPHPR Datasheet HTML 7Page - Texas Instruments THS7347IPHPR Datasheet HTML 8Page - Texas Instruments THS7347IPHPR Datasheet HTML 9Page - Texas Instruments THS7347IPHPR Datasheet HTML 10Page - Texas Instruments THS7347IPHPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
THS7347
www.ti.com
SLOS531B
– MAY 2007 – REVISED OCTOBER 2011
ELECTRICAL CHARACTERISTICS, VA = VDD = 5 V (continued)
RL = 150Ω || 5pF to GND for Monitor Output, 19kΩ || 8pF Load to GND for Buffer Output, SAG pin shorted to Monitor Output
Pin, unless otherwise noted.
TYP
OVER TEMPERATURE
0
°C to
–40°C to
MIN/MAX/
PARAMETER
TEST CONDITIONS
+25
°C
+25
°C
+70
°C
+85
°C
UNIT
TYP
INPUT CHARACTERISTICS
Input voltage range
Bias = dc
0 to 3.4
V
Typ
Bias = ac bias mode
25
k
Typ
Input resistance
Bias = dc, dc + shift, ac STC
3
M
Typ
Input capacitance
1.5
pF
Typ
OUTPUT CHARACTERISTICS: MONITOR OUTPUT
RL = 150 Ω to 2.5 V
4.8
4.65
4.6
4.6
V
Min
RL = 150 Ω to GND
4.7
4.55
4.5
4.5
V
Min
High output voltage swing
RL = 75 Ω to 2.5 V
4.7
V
Typ
RL = 75 Ω to GND
4.6
V
Typ
RL = 150 Ω to 2.5 V
0.2
0.25
0.28
0.30
V
Max
RL = 150 Ω to GND
0.1
0.19
0.23
0.24
V
Max
Low output voltage swing
RL = 75 Ω to 2.5 V
0.24
V
Typ
RL = 75 Ω to GND
0.085
V
Typ
Sourcing
110
85
80
75
mA
Min
Output current
RL = 10 Ω to 2.5 V
Sinking
110
85
80
75
mA
Min
OUTPUT CHARACTERISTICS: BUFFER OUTPUT
High output voltage swing
3.4
3.1
3.0
3.0
V
Min
(Limited by input range and G = 0 dB)
Load = 19 k
Ω ∥ 8 pF to 2.5 V
Low output voltage swing
0.05
0.12
0.13
0.14
V
Max
(Limited by input range and G = 0 dB)
Sourcing
RL = 10 Ω to GND
110
85
80
75
mA
Min
Output current
Sinking
RL = 10 Ω to 2.5 V
110
85
80
75
mA
Min
POWER SUPPLY: ANALOG
Maximum operating voltage
VA
5.0
5.5
5.5
5.5
V
Max
Minimum operating voltage
VA
5.0
2.7
2.7
2.7
V
Min
Maximum quiescent current
VA, dc + shift mode, VIN = 100 mV
90
112
115
117
mA
Max
Minimum quiescent current
VA, dc + shift mode, VIN = 100 mV
90
68
65
63
mA
Min
Power supply rejection (+PSRR)
Buffer Output
46
dB
Typ
POWER SUPPLY: DIGITAL
Maximum operating voltage
VDD
5.0
5.5
5.5
5.5
V
Max
Minimum operating voltage
VDD
5.0
2.7
2.7
2.7
V
Min
Maximum quiescent current
VDD, VIN = 0 V
1
2
3
3
mA
Max
Minimum quiescent current
VDD, VIN = 0 V
1
0.5
0.4
0.4
mA
Min
DIGITAL CHARACTERISTICS(1)
High level input voltage
VIH
3.5
V
Typ
Low level input voltage
VIL
1.5
V
Typ
DISABLE CHARACTERISTICS: ALL CHANNELS DISABLED
Quiescent current
All channels disabled
1
μA
Typ
Turn-on time delay (tON)
5
μs
Typ
Time for lS to reach 50% of final value
after I2C control is initiated
Turn-on time delay (tOFF)
2
μs
Typ
(1)
Standard CMOS logic.
Copyright
© 2007–2011, Texas Instruments Incorporated
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com