Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7375IPWR Datasheet(PDF) 4 Page - Texas Instruments

Part # THS7375IPWR
Description  4-Channel SDTV Video Amplifier with 6th-Order Filters and 5.6-V/V Gain
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS7375IPWR Datasheet(HTML) 4 Page - Texas Instruments

  THS7375IPWR Datasheet HTML 1Page - Texas Instruments THS7375IPWR Datasheet HTML 2Page - Texas Instruments THS7375IPWR Datasheet HTML 3Page - Texas Instruments THS7375IPWR Datasheet HTML 4Page - Texas Instruments THS7375IPWR Datasheet HTML 5Page - Texas Instruments THS7375IPWR Datasheet HTML 6Page - Texas Instruments THS7375IPWR Datasheet HTML 7Page - Texas Instruments THS7375IPWR Datasheet HTML 8Page - Texas Instruments THS7375IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
THS7375
SBOS449A – SEPTEMBER 2008 – REVISED JANUARY 2011
www.ti.com
ELECTRICAL CHARACTERISTICS: VS+ = +3.3 V (continued)
RL = 150 Ω to GND, dc-coupled input and output, Filter Mode, unless otherwise noted.
THS7375
TYP
OVER TEMPERATURE
MIN/
0°C to
–40°C to
TYP/
PARAMETER
TEST CONDITIONS
+25°C
+25°C
+70°C
+85°C
MAX
UNITS
POWER SUPPLY
Maximum operating voltage
VS+ to GND
3.3
5.5
5.5
5.5
Max
V
Minimum operating voltage
VS+ to GND
(3)
3.3
2.85
2.85
2.85
Min
V
Maximum quiescent current
VIN = 0 V; VS+ = 3.3 V
9.8
12
13
14
Max
mA
Minimum quiescent current
VIN = 0 V; VS+ = 3.3 V
9.8
8
7
6.5
Min
mA
Power-supply rejection (+PSRR)
53
Typ
dB
LOGIC CHARACTERISTICS(4)
VIH
Disabled or bypass engaged
1.8
2
2
2
Min
V
VIL
Enabled or bypass disengaged
0.7
0.65
0.6
0.6
Max
V
IIH
0.2
Typ
mA
IIL
0.2
Typ
mA
Disable time
100
Typ
ns
Enable time
100
Typ
ns
Bypass/filter switch time
5
Typ
ns
Disabled quiescent current
Disable pin = 2 V
0.1
10
10
10
Max
mA
Disabled output impedance
Disable pin = 2 V
20
∥ 3
Typ
k
Ω ∥ pF
(3)
The min/max values listed for this specification are ensured by design and characterization only.
(4)
The logic input pins should not be left floating. They must be connected to logic low (or GND) or logic high (or VS+).
4
Submit Documentation Feedback
Copyright © 2008–2011, Texas Instruments Incorporated
Product Folder Link(s): THS7375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com