Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL3116CD Datasheet(PDF) 4 Page - Texas Instruments

Part # TL3116CD
Description  ULTRA-FAST LOW-POWER PRECISION COMPARATORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL3116CD Datasheet(HTML) 4 Page - Texas Instruments

  TL3116CD Datasheet HTML 1Page - Texas Instruments TL3116CD Datasheet HTML 2Page - Texas Instruments TL3116CD Datasheet HTML 3Page - Texas Instruments TL3116CD Datasheet HTML 4Page - Texas Instruments TL3116CD Datasheet HTML 5Page - Texas Instruments TL3116CD Datasheet HTML 6Page - Texas Instruments TL3116CD Datasheet HTML 7Page - Texas Instruments TL3116CD Datasheet HTML 8Page - Texas Instruments TL3116CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TL3116, TL3116Y
ULTRAFAST LOW POWER
PRECISION COMPARATORS
SLCS132C − MARCH 1997 − REVISED MAY 1997
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified operating free-air temperature, VDD = ±5 V, VLE = 0 (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
TL3116C
TL3116I
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VIO
Input offset voltage
TA = 25°C
0.5
3
0.5
3
mV
VIO
Input offset voltage
TA = full range
3.5
3.5
mV
αVIO
Temperature coefficient
of input offset voltage
− 2.5
− 2.8
µV/°C
IIO
Input offset current
TA = 25°C
0.1
0.2
0.1
0.2
A
IIO
Input offset current
TA = full range
0.3
0.35
µA
IIB
Input bias current
TA = 25°C
0.7
1.1
0.7
1.1
A
IIB
Input bias current
TA = full range
1.2
1.5
µA
VICR
Common-mode input
VDD = ± 5 V
−5
2.5
−5
2.5
V
VICR
Common-mode input
voltage range
VDD = 5 V
0
2.5
0
2.5
V
CMRR
Common-mode rejection
ratio
−5
≤ VIC ≤ 2.5 V
75
100
75
100
dB
kSVR
Supply-voltage rejection
Positive supply: 4.6 V
≤ +VDD ≤ 5.4 V,
TA = 25°C
60
80
60
80
dB
kSVR
Supply-voltage rejection
ratio
Negative supply: − 7 V
≤ −VDD ≤ −2 V,
TA = 25°C
80
100
80
100
dB
VOL
Low-level output voltage
I(sink) = 4 mA,
V+
≤ 4.6 V,
TA = 25°C
400
600
400
600
mV
VOL
Low-level output voltage
I(sink) = 10 mA,
V+
≤ 4.6 V,
TA = 25°C
750
750
mV
VOH
High-level output voltage
V+
≤ 4.6 V,
IO = 1 mA,
TA = 25°C
3.6
3.9
3.6
3.9
V
VOH
High-level output voltage
V+
≤ 4.6 V,
IO = 10 mA,
TA = 25°C
3.4
3.8
3.4
3.8
V
ICC
Positive supply current
TA = full range
12.7
14.7
12.7
15
mA
ICC
Negative supply current
TA = full range
− 2.6
−3
mA
VIL
Low-level input voltage
(LATCH ENABLE)
0.8
0.8
V
VIH
High-level input voltage
(LATCH ENABLE)
2
2
V
IIL
Low-level input current
(LATCH ENABLE)
VLE = 0
0
1
0
1
µA
IIL
Low-level input current
(LATCH ENABLE)
VLE = 2 V
24
39
24
45
µA
† Full range for the TL3116C is TA = 0°C to 70°C. Full range for the TL3116I is TA = −40°C to 85°C.
‡ All typical values are measures with TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com