Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431LIBIDBZR Datasheet(PDF) 4 Page - Texas Instruments

Part # TL431LIBIDBZR
Description  TL431LI / TL432LI Programmable Shunt Regulator with Optimized Reference Current
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL431LIBIDBZR Datasheet(HTML) 4 Page - Texas Instruments

  TL431LIBIDBZR Datasheet HTML 1Page - Texas Instruments TL431LIBIDBZR Datasheet HTML 2Page - Texas Instruments TL431LIBIDBZR Datasheet HTML 3Page - Texas Instruments TL431LIBIDBZR Datasheet HTML 4Page - Texas Instruments TL431LIBIDBZR Datasheet HTML 5Page - Texas Instruments TL431LIBIDBZR Datasheet HTML 6Page - Texas Instruments TL431LIBIDBZR Datasheet HTML 7Page - Texas Instruments TL431LIBIDBZR Datasheet HTML 8Page - Texas Instruments TL431LIBIDBZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
4
TL431LI
TL432LI
SLVSDQ6A – JULY 2018 – REVISED NOVEMBER 2018
www.ti.com
Product Folder Links: TL431LI TL432LI
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to ANODE, unless otherwise noted.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VKA
Cathode Voltage(2)
37
V
IKA
Continuos Cathode Current Range
–10
18
mA
II(ref)
Reference Input Current
–5
10
mA
TJ
Operating Junction Temperature Range
–40
150
C
Tstg
Storage Temperature Range
–65
150
C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001pins(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22- ±1000
VC101(2)
±1000
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.3 Thermal Information
THERMAL METRIC(1)
TL43xLI
UNIT
DBZ
3 PINS
RθJA
Junction-to-ambient thermal resistance
371.7
C/W
RθJC(top)
Junction-to-case (top) thermal resistance
145.9
C/W
RθJB
Junction-to-boardthermal resistance
104.7
C/W
ψJT
Junction-to-top characterization resistance
23.9
C/W
ψJB
Junction-to-board characterization resistance
102.9
C/W
(1)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
7.4 Recommended Operating Conditions
See
(1)
MIN
MAX
UNIT
VKA
Cathode Voltage
VREF
36
V
IKA
Continuous Cathode Current Range
1
15
mA
TA
Operating Free-Air Temperature
TL43xLIxC
0
70
C
TL43xLIxI
–40
85
C
TL43xLIxQ
–40
125
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com