Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV7256 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV7256
Description  DUAL COMPARATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV7256 Datasheet(HTML) 1 Page - Texas Instruments

  TLV7256 Datasheet HTML 1Page - Texas Instruments TLV7256 Datasheet HTML 2Page - Texas Instruments TLV7256 Datasheet HTML 3Page - Texas Instruments TLV7256 Datasheet HTML 4Page - Texas Instruments TLV7256 Datasheet HTML 5Page - Texas Instruments TLV7256 Datasheet HTML 6Page - Texas Instruments TLV7256 Datasheet HTML 7Page - Texas Instruments TLV7256 Datasheet HTML 8Page - Texas Instruments TLV7256 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
www.ti.com
FEATURES
DCT OR DDU PACKAGE
(TOP VIEW)
1
8
V
CC+
1OUT
2
7
2OUT
1IN-
3
6
2IN-
1IN+
4
5
2IN+
V
CC–
APPLICATIONS
DESCRIPTION/ORDERING INFORMATION
Typical Application Circuit
C1
C2
V
OUT
V
REF
R2
R1
V
IN
V
CC
TLV7256
DUAL COMPARATOR
SLCS147A – OCTOBER 2006 – REVISED JANUARY 2007
• Low Supply Current…20 µA Typ
• Single Power Supply
• Rail-to-Rail Common-Mode Input Voltage
Range
• Push-Pull Output Circuit
• Low Input-Bias Current
• Battery Packs for Sensing Battery Voltage
• MP3 Players, Digital Cameras, PMPs
• Cellular Phones, PDAs, Notebook Computers
• Test Equipment
• General-Purpose Low-Voltage Applications
The TLV7256 is a CMOS-type general-purpose dual comparator capable of single power-supply operation and
using lower supply currents than the conventional bipolar comparators. Its push-pull output can connect directly
to local ICs such as TTL and CMOS circuits.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Reel of 3000
TLV7256IDCTR
SSOP – DCT
PREVIEW
–40
°C to 85°C
Reel of 250
TLV7256IDCTT
VSSOP – DDU
Reel of 3000
TLV7256IDDUR
YAUA
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Figure 1. Threshold Detector
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV7256

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV7256 TI-TLV7256 Datasheet
233Kb / 11P
DUAL COMPARATOR
TLV7256IDCTR TI-TLV7256IDCTR Datasheet
233Kb / 11P
DUAL COMPARATOR
TLV7256IDCTR TI1-TLV7256IDCTR Datasheet
838Kb / 15P
DUAL COMPARATOR
TLV7256IDCTT TI-TLV7256IDCTT Datasheet
233Kb / 11P
DUAL COMPARATOR
TLV7256IDCTT TI1-TLV7256IDCTT Datasheet
838Kb / 15P
DUAL COMPARATOR
More results

Similar Description - TLV7256

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51923P MITSUBISHI-M51923P Datasheet
110Kb / 4P
DUAL COMPARATOR
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319 Datasheet
111Kb / 10P
Dual Comparator
logo
fujitsu semiconductor
MB47393 FUJITSU-MB47393 Datasheet
81Kb / 9P
DUAL COMPARATOR
logo
Hitachi Semiconductor
HA17903 HITACHI-HA17903 Datasheet
40Kb / 8P
Dual Comparator
logo
Renesas Technology Corp
M5233L RENESAS-M5233L Datasheet
1Mb / 4P
DUAL COMPARATOR
M51923P RENESAS-M51923P Datasheet
1Mb / 5P
DUAL COMPARATOR
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319_12 Datasheet
174Kb / 8P
Dual Comparator
logo
Linear Technology
LM119 LINER-LM119_15 Datasheet
198Kb / 12P
Dual Comparator
LM319 LINER-LM319_15 Datasheet
198Kb / 12P
Dual Comparator
LT319A LINER-LT319A_15 Datasheet
198Kb / 12P
Dual Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com