Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV760 Datasheet(PDF) 12 Page - Texas Instruments

Part # TLV760
Description  TLV760 100-mA, 30-V, Fixed-Output, Linear-Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV760 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV760 Datasheet HTML 8Page - Texas Instruments TLV760 Datasheet HTML 9Page - Texas Instruments TLV760 Datasheet HTML 10Page - Texas Instruments TLV760 Datasheet HTML 11Page - Texas Instruments TLV760 Datasheet HTML 12Page - Texas Instruments TLV760 Datasheet HTML 13Page - Texas Instruments TLV760 Datasheet HTML 14Page - Texas Instruments TLV760 Datasheet HTML 15Page - Texas Instruments TLV760 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
TLV760
IN
OUT
GND
COUT
CIN
VIN = 6.5 V
VOUT = 5 V
0.1 µF
0.1 µF
Copyright © 2017, Texas Instruments Incorporated
12
TLV760
SNVSAV1A – JUNE 2017 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: TLV760
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Application Information (continued)
TLV760 integrates a rugged protection where the TJ is limited to 150°C. The maximum power dissipation
depends on the ambient temperature and can be calculated using PD = (TJ – TA) / RθJA, for example, substituting
the absolute maximum junction temperature, 150°C for TJ, 50°C for TA, and 275.2 °C/W for RθJA, the maximum
power that can be dissipated is 363 mW. More power can be safely dissipated at lower ambient temperatures.
Less power can be safely dissipated at higher ambient temperatures. The power dissipation can be increased by
3.6 mW for each °C below 50°C ambient. It must be derated by 3.6 mW for each °C above 50°C ambient. Proper
heat sinking enables the safe dissipation of more power.
8.2 Typical Application
Figure 18. Typical Appication for the 5-V Option
8.2.1 Design Requirements
For typical TLV760 applications, use the parameters in Table 1.
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage
6.5 V
Output voltage
5 V
Output current
100 mA
8.2.2 Detailed Design Procedure
The output for TLV76050 is internally set to 5 V. Input and output capacitors can be selected in accordance with
the External Capacitors. Ceramic capacitances of 0.1 µF for both input and output are selected.
See the Layout section for an example of how to PCB layout the TLV760 to achieve best performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com