Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV803 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV803
Description  TLV8x3 3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV803 Datasheet(HTML) 4 Page - Texas Instruments

  TLV803 Datasheet HTML 1Page - Texas Instruments TLV803 Datasheet HTML 2Page - Texas Instruments TLV803 Datasheet HTML 3Page - Texas Instruments TLV803 Datasheet HTML 4Page - Texas Instruments TLV803 Datasheet HTML 5Page - Texas Instruments TLV803 Datasheet HTML 6Page - Texas Instruments TLV803 Datasheet HTML 7Page - Texas Instruments TLV803 Datasheet HTML 8Page - Texas Instruments TLV803 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
5 Device Comparison
Table 5-1. Device Threshold Options
DEVICE
THRESHOLD VOLTAGE
TLV803Z
2.25 V
TLV803R
2.64 V
TLV803S
2.93 V
TLV803M
4.38 V
TLV853M
4.38 V
TLV863M
4.38 V
Table 5-2. Device Family Comparison
DEVICE
FUNCTION
TLV803
Open-Drain, RESET Output
TLV809
Push-Pull, RESET Output
TLV810
Push-Pull, RESET Output
6 Pin Configuration and Functions
2
3
1
VDD
GND
RESET
Figure 6-1. TLV803: DBZ Package
3-Pin SOT-23
Top View
2
3
1
VDD
GND
RESET
Figure 6-2. TLV853: DBZ Package
3-Pin SOT-23
Top View
2
3
1
VDD
GND
RESET
Figure 6-3. TLV863: DBZ Package
3-Pin SOT-23
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
TLV803
TLV853
TLV863
GND
1
2
3
—
Ground pin.
RESET
2
1
1
O
RESET is an open-drain output that is driven to a low impedance state
when RESET is asserted. RESET remains low (asserted) for the delay time
(td) after VDD exceeds VIT–. Use a 10-kΩ to 1-MΩ pullup resistor on this pin.
The pullup voltage is not limited by VDD.
VDD
3
3
2
I
Supply voltage pin. It is good analog design practice to place a 0.1-µF
ceramic capacitor close to this pin.
TLV803, TLV853, TLV863
SBVS157E – APRIL 2011 – REVISED DECEMBER 2020
www.ti.com
4
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TLV803 TLV853 TLV863



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com