| Electronic Components Datasheet Search |
|
TLV70233PDBVT Datasheet(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLV70233PDBVT Datasheet(HTML) 3 Page - Texas Instruments |
|
3 / 37 page ![]() OUT NC IN GND EN 1 2 3 5 4 EN N/C N/C 6 5 4 IN GND OUT 1 2 3 3 TLV702 www.ti.com SLVSAG6D – SEPTEMBER 2010 – REVISED JULY 2019 Product Folder Links: TLV702 Submit Documentation Feedback Copyright © 2010–2019, Texas Instruments Incorporated 5 Pin Configuration and Functions DBV Package 5-Pin SOT-23 Top View DSE Package 6-Pin WSON Top View Pin Functions PIN I/O DESCRIPTION NAME SOT-23 WSON IN 1 1 I Input pin. A small, 1-μF ceramic capacitor is recommended from this pin to ground to assure stability and good transient performance. See Input and Output Capacitor Requirements in Application Information for more details. GND 2 2 — Ground pin EN 3 6 I Enable pin. Driving EN over 0.9 V turns on the regulator. Driving EN below 0.4 V puts the regulator into shutdown mode and reduces operating current to 1 μA, nominal. For TLV702P, output voltage is discharged through an internal 120-Ω resistor when device is shut down. NC 4 4, 5 — No connection. This pin can be tied to ground to improve thermal dissipation. OUT 5 3 O Regulated output voltage pin. A small, 1-μF ceramic capacitor is needed from this pin to ground to assure stability. See Input and Output Capacitor Requirements in Application Information for more details. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |