Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7242CDW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7242CDW
Description  QUAD DIGITAL ISOLATORS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7242CDW Datasheet(HTML) 3 Page - Texas Instruments

  ISO7242CDW Datasheet HTML 1Page - Texas Instruments ISO7242CDW Datasheet HTML 2Page - Texas Instruments ISO7242CDW Datasheet HTML 3Page - Texas Instruments ISO7242CDW Datasheet HTML 4Page - Texas Instruments ISO7242CDW Datasheet HTML 5Page - Texas Instruments ISO7242CDW Datasheet HTML 6Page - Texas Instruments ISO7242CDW Datasheet HTML 7Page - Texas Instruments ISO7242CDW Datasheet HTML 8Page - Texas Instruments ISO7242CDW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
www.ti.com
ISO7240
ISO7241
ISO7242
SLLS868A – SEPTEMBER 2007 – REVISED DECEMBER 2007
AVAILABLE OPTIONS
SIGNALING
INPUT
CHANNEL
MARKED
ORDERING
PRODUCT
RATE
THRESHOLD
CONFIGURATION
AS
NUMBER(1)
ISO7240ADW (rail)
~1.5 V (TTL)
ISO7240ADW
1 Mbps
ISO7240A
(CMOS compatible)
ISO7240ADWR (reel)
ISO7240CDW (rail)
~1.5 V (TTL)
ISO7240CDW
25 Mbps
4/0
ISO7240C
(CMOS compatible)
ISO7240CDWR (reel)
ISO7240MDW (rail)
ISO7240MDW
150 Mbps
Vcc/2 (CMOS)
ISO7240M
ISO7240MDWR (reel)
ISO7241ADW (rail)
~1.5 V (TTL)
ISO7241ADW
1 Mbps
ISO7241A
(CMOS compatible)
ISO7241ADWR (reel)
ISO7241CDW (rail)
~1.5 V (TTL)
ISO7241CDW
25 Mbps
3/1
ISO7241C
(CMOS compatible)
ISO7241CDWR (reel)
ISO7241MDW (rail)
ISO7241MDW
150 Mbps
Vcc/2 (CMOS)
ISO7241M
ISO7241MDWR (reel)
ISO7242ADW (rail)
~1.5 V (TTL)
ISO7242ADW
1 Mbps
ISO7242A
(CMOS compatible)
ISO7242ADWR (reel)
ISO7242CDW (rail)
~1.5 V (TTL)
ISO7242CDW
25 Mbps
2/2
ISO7242C
(CMOS compatible)
ISO7242CDWR (reel)
ISO7242MDW (rail)
ISO7242MDW
150 Mbps
Vcc/2 (CMOS)
ISO7242M
ISO7242MDWR (reel)
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ISO7240 ISO7241 ISO7242



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com