Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC573PW Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74AHC573PW
Description  Octal D-type transparent latch; 3-state
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC573PW Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74AHC573PW Datasheet HTML 9Page - NXP Semiconductors 74AHC573PW Datasheet HTML 10Page - NXP Semiconductors 74AHC573PW Datasheet HTML 11Page - NXP Semiconductors 74AHC573PW Datasheet HTML 12Page - NXP Semiconductors 74AHC573PW Datasheet HTML 13Page - NXP Semiconductors 74AHC573PW Datasheet HTML 14Page - NXP Semiconductors 74AHC573PW Datasheet HTML 15Page - NXP Semiconductors 74AHC573PW Datasheet HTML 16Page - NXP Semiconductors 74AHC573PW Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
2003 Dec 08
13
Philips Semiconductors
Product specification
Octal D-type transparent latch; 3-state
74AHC573; 74AHCT573
Tamb = −40 to +125 °C
tPHL/tPLH
propagation delay Dn to Qn
see Figs 6 and 10
15
1.0
−
14.0
ns
propagation delay LE to Qn
see Figs 7 and 10
15
1.0
−
15.0
ns
tPZH/tPZL
propagation delay OE to Qn
see Figs 9 and 10
15
1.0
−
14.5
ns
tPHZ/tPLZ
propagation delay OE to Qn
see Figs 9 and 10
15
1.0
−
14.0
ns
tPHL/tPLH
propagation delay Dn to Qn
see Figs 6 and 10
50
1.0
−
18.5
ns
propagation delay LE to Qn
see Figs 7 and 10
50
1.0
−
19.5
ns
tPZH/tPZL
propagation delay OE to Qn
see Figs 9 and 10
50
1.0
−
19.0
ns
tPHZ/tPLZ
propagation delay OE to Qn
see Figs 9 and 10
50
1.0
−
18.5
ns
tW
enable pulse width HIGH
see Figs 7 and 10
50
5.0
−−
ns
tsu
set-up time Dn to LE
see Fig.8
50
3.5
−−
ns
th
hold time Dn to LE
see Fig.8
50
1.5
−−
ns
VCC = 4.5 to 5.5 V
Tamb =25 °C; note 2
tPHL/tPLH
propagation delay Dn to Qn
see Figs 6 and 10
15
−
3.9
6.8
ns
propagation delay LE to Qn
see Figs 7 and 10
15
−
4.2
7.7
ns
tPZH/tPZL
propagation delay OE to Qn
see Figs 9 and 10
15
−
4.4
7.7
ns
tPHZ/tPLZ
propagation delay OE to Qn
see Figs 9 and 10
15
−
4.6
7.7
ns
tPHL/tPLH
propagation delay Dn to Qn
see Figs 6 and 10
50
−
5.5
8.8
ns
propagation delay LE to Qn
see Figs 7 and 10
50
−
5.9
9.7
ns
tPZH/tPZL
propagation delay OE to Qn
see Figs 9 and 10
50
−
6.3
9.7
ns
tPHZ/tPLZ
propagation delay OE to Qn
see Figs 9 and 10
50
−
7.4
9.7
ns
tW
enable pulse width HIGH
see Figs 7 and 10
50
5.0
−−
ns
tsu
set-up time Dn to LE
see Fig.8
50
3.5
−−
ns
th
hold time Dn to LE
see Fig.8
50
1.5
−−
ns
Tamb = −40 to +85 °C
tPHL/tPLH
propagation delay Dn to Qn
see Figs 6 and 10
15
1.0
−
8.0
ns
propagation delay LE to Qn
see Figs 7 and 10
15
1.0
−
9.0
ns
tPZH/tPZL
propagation delay OE to Qn
see Figs 9 and 10
15
1.0
−
9.0
ns
tPHZ/tPLZ
propagation delay OE to Qn
see Figs 9 and 10
15
1.0
−
9.0
ns
tPHL/tPLH
propagation delay Dn to Qn
see Figs 6 and 10
50
1.0
−
10.0
ns
propagation delay LE to Qn
see Figs 7 and 10
50
1.0
−
11.0
ns
tPZH/tPZL
propagation delay OE to Qn
see Figs 9 and 10
50
1.0
−
11.0
ns
tPHZ/tPLZ
propagation delay OE to Qn
see Figs 9 and 10
50
1.0
−
11.0
ns
tW
enable pulse width HIGH
see Figs 7 and 10
50
5.0
−−
ns
tsu
set-up time Dn to LE
see Fig.8
50
3.5
−−
ns
th
hold time Dn to LE
see Fig.8
50
1.5
−−
ns
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
CL (pF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com