Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC237B Datasheet(PDF) 2 Page - Multicomp Pro

Part # BC237B
Description  General Purpose Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

BC237B Datasheet(HTML) 2 Page - Multicomp Pro

  BC237B Datasheet HTML 1Page - Multicomp Pro BC237B Datasheet HTML 2Page - Multicomp Pro BC237B Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page <2>
V1.1
17/09/19
General Purpose Transistor
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Electrical Characteristics (T
a = 25°C unless otherwise specified)
*PulseCondition:PulseWidth300μs,DutyCycle2%.
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Units
Collector Emitter Voltage
V
CEO
I
C = 2mA, IB = 0
45
-
-
V
Emitter Base Voltage
V
EBO
I
E = 100µA, IC = 0
6
-
-
Collector Cut off Current
I
CES
V
CE = 50V, VBE = 0
V
CE = 50V, VBE = 0,
T
a = 125°C
-
-
15
4
nA
µA
DC Current Gain
h
FE
I
C = 2mA, VCE = 50V
200
290
460
-
Collector Emitter Saturation Voltage
V
CE (sat)
I
C = 10mA, IB = 0.5mA
I
C = 100mA, IB = 5mA*
-
0.07
0.2
0.2
0.6
V
Base Emitter Saturation Voltage
V
BE (sat)
I
C = 10mA, IB = 0.5mA
I
C = 100mA, IB = 0.5mA*
-
0.6
0.83
1.05
Base Emitter On Voltage
V
BE (on)
I
C = 100µA, VCE = 5V
I
C = 2mA, VCE = 5V
I
C = 100mA, VCE = 5V*
0.55
0.5
0.62
0.83
0.7
Dynamic Characteristics
TransitionFrequency
f
T
I
C = 0.5mA, VCE = 3V
f = 100MHz
I
C = 10mA, VCE = 5V
f = 100MHz
-
150
100
200
-
MHz
Collector Output Capacitance
C
ob
V
CB = 10V, IE = 0 f =
1MHz
-
-
4.5
pF
Emitter Input Capacitance
C
ib
V
EB = 0.5V, IE = 0
f = 1MHz
-
8
Noise Figure
NF
V
CE = 5V, IC = 2mA
Rs = 2kW, f = 1kHz
F = 200Hz
-
2
10
dB



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com