Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP392 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMP392
Description  TMP390 Ultra-Small, Dual-Channel (Hot and Cold Trip), 0.5-μA, Resistor- Programmable Temperature Switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP392 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP392 Datasheet HTML 9Page - Texas Instruments TMP392 Datasheet HTML 10Page - Texas Instruments TMP392 Datasheet HTML 11Page - Texas Instruments TMP392 Datasheet HTML 12Page - Texas Instruments TMP392 Datasheet HTML 13Page - Texas Instruments TMP392 Datasheet HTML 14Page - Texas Instruments TMP392 Datasheet HTML 15Page - Texas Instruments TMP392 Datasheet HTML 16Page - Texas Instruments TMP392 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
8.2.2 TMP390 With 10°C Hysteresis
Figure 8-3 shows an example circuit for overtemperature and undertemperature protection using the TMP390. In
this example, the trip points are set at –25°C and +90°C with 10°C hysteresis.
TMP390
VDD
SETA
SETB
OUTA
OUTB
GND
Microprocessor
VCC
GND
78.7 kŸ
215 kŸ
10 kŸ
10 kŸ
0.1 µF
3.3 V
VDD = 3.0 V
Channel A Trip Temp = +90°C
and Hysteresis = 10°C
Channel B Trip Temp = ±25°C
and Hysteresis = 10°C
Figure 8-3. TMP390 Example Circuit at +90°C and –25°C Thresholds With 10°C Hysteresis
8.2.2.1 Design Requirements
In this example, VDD can be ≥ 3 V. The output pins may be tied to a switch to control a fan or other analog
circuitry. Figure 8-3 uses 10-kΩ pullup resistors at the OUTA and OUTB outputs. Place a 0.1-µF bypass
capacitor close to the TMP390 device to reduce noise coupled from the power supply. If needed, the output of
multiple parts can be connected together.
8.2.2.2 Detailed Design Procedure
SETA sets the +90°C threshold using 78.7 kΩ. SETB sets the –25°C trip point and 10°C hysteresis using 215
kΩ. These values were determined using Table 7-1 and Table 7-2. These resistors should have maximum of
1% tolerance and 100 ppm/°C or less over the desired temperature range. A summary of the resistor settings
used in this example is shown in Table 8-1. See Table 7-1 and Table 7-2 for additional trip points and hysteresis
configurations.
The switching output of the TMP390 can be visualized with the output diagram shown in Figure 8-4. It is key
to notice that hysteresis is subtracted from the Channel A threshold and added to the Channel B threshold
values. OUTA remains high until the sensor reaches +90°C where the output goes low, and returns high after the
temperature drops back down to +80°C. OUTB trips when the temperature stays below –25°C and goes low until
the temperature rises above –15°C.
Table 8-1. Example Resistor Settings and Trip Points
CHANNEL
RESISTOR SETTING (kΩ)
HYSTERESIS (°C)
TRIP TEMPERATURE (°C)
SETA
78.7
10
+90
SETB
215
–25
www.ti.com
TMP390
SBOS904A – MAY 2019 – REVISED AUGUST 2020
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMP390



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com