Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS14DR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LS14DR
Description  Hex Schmitt-Trigger Inverters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LS14DR Datasheet(HTML) 5 Page - Texas Instruments

  SN74LS14DR Datasheet HTML 1Page - Texas Instruments SN74LS14DR Datasheet HTML 2Page - Texas Instruments SN74LS14DR Datasheet HTML 3Page - Texas Instruments SN74LS14DR Datasheet HTML 4Page - Texas Instruments SN74LS14DR Datasheet HTML 5Page - Texas Instruments SN74LS14DR Datasheet HTML 6Page - Texas Instruments SN74LS14DR Datasheet HTML 7Page - Texas Instruments SN74LS14DR Datasheet HTML 8Page - Texas Instruments SN74LS14DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
5
SN5414, SN54LS14, SN7414, SN74LS14
www.ti.com
SDLS049C – DECEMBER 1983 – REVISED NOVEMBER 2016
Product Folder Links: SN5414 SN54LS14 SN7414 SN74LS14
Submit Documentation Feedback
Copyright © 1983–2016, Texas Instruments Incorporated
(1)
For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
(2)
All typical values are at VCC = 5 V and TA = 25°C.
(3)
Not more than one output should be shorted at a time.
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP(2)
MAX
UNIT
VT+
VCC = 5 V
SNx414
1.5
1.7
2
V
SNx4LS14
1.4
1.6
1.9
VT–
VCC = 5 V
SNx414
0.6
0.9
1.1
V
SNx4LS14
0.5
0.8
1
Hysteresis
(VT+ – VT–)
VCC = 5 V
0.4
0.8
V
VIK
VCC = MIN, II = –12 mA, SNx414
–1.5
V
VCC = MIN, II = –18 mA, SNx4LS14
–1.5
VOH
VCC = MIN, VI = 0.6 V, IOH = –0.8 mA, SNx414
2.4
3.4
V
VCC = MIN, VI = 0.5 V, IOH = –0.4 mA, SNx4LS14
2.4
3.4
VOL
VCC = MIN, VI = 2 V, IOL = 16 mA, SNx414
0.2
0.4
V
VCC = MIN, VI = 1.9 V
IOL = 4 mA, SNx4LS14
0.25
0.4
IOL = 8 mA, SN74LS14
0.35
0.5
IT+
VCC = 5 V, VI = VT+
SNx414
–0.43
mA
SNx4LS14
–0.14
IT–
VCC = 5 V, VI = VT–
SNx414
–0.56
mA
SNx4LS14
–0.18
II
VCC = MAX, VI = 5.5 V, SNx414
1
mA
VCC = MAX, VI = 7 V, SNx4LS14
0.1
IIH
VCC = MAX, VIH = 2.4 V, SNx414
40
µA
VCC = MAX, VIH = 2.7 V, SNx4LS14
20
IIL
VCC = MAX, VIL = 0.4 V
SNx414
–0.8
–1.2
mA
SNx4LS14
–0.4
IOS
(3)
VCC = MAX
SNx414
–18
–55
mA
SNx4LS14
–20
–100
ICCH
VCC = MAX
SNx414
22
36
mA
SNx4LS14
8.6
16
ICCL
VCC = MAX
SNx414
39
60
mA
SNx4LS14
12
21
6.6 Switching Characteristics
VCC = 5 V, TA = 25°C, and over operating free-air temperature range (unless otherwise noted; see Figure 20)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
A
Y
RL = 400 Ω and CL = 15 pF, or
RL = 2 kΩ and CL = 15 pF
15
22
ns
tPHL
A
Y
RL = 400 Ω and CL = 15 pF, or
RL = 2 kΩ and CL = 15 pF
15
22
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com