Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2553DDBVR Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS2553DDBVR
Description  TPS255xD Precision Adjustable Current-Limited Power-Distribution Switches
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2553DDBVR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS2553DDBVR Datasheet HTML 17Page - Texas Instruments TPS2553DDBVR Datasheet HTML 18Page - Texas Instruments TPS2553DDBVR Datasheet HTML 19Page - Texas Instruments TPS2553DDBVR Datasheet HTML 20Page - Texas Instruments TPS2553DDBVR Datasheet HTML 21Page - Texas Instruments TPS2553DDBVR Datasheet HTML 22Page - Texas Instruments TPS2553DDBVR Datasheet HTML 23Page - Texas Instruments TPS2553DDBVR Datasheet HTML 24Page - Texas Instruments TPS2553DDBVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
OUT
IN
GND
FAULT
ILIM
EN
External Logic
Signal & Driver
Power Pad
Output
Input
0.1 F
m
R
100 k
FAULT
W
C
0.1 F
RETRY
m
R
20 k
ILIM
W
CLOAD
RLOAD
TPS2553D
OUT
IN
GND
FAULT
ILIM
EN
Input
Power Pad
Output
0.1 F
m
R
100 k
FAULT
W
C
0.1 F
RETRY
m
R
20 k
ILIM
W
CLOAD
RLOAD
TPS2553D
21
TPS2552D, TPS2553D
www.ti.com
SLVSDL7 – SEPTEMBER 2016
Product Folder Links: TPS2552D TPS2553D
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
10.2.2 Auto-Retry Functionality
Some applications require that an overcurrent condition disables the part momentarily during a fault condition
and re-enables after a pre-set time. This auto-retry functionality can be implemented with an external resistor and
capacitor. During a fault condition, FAULT pulls low disabling the part. The part is disabled when EN is pulled
low, and FAULT goes high impedance allowing CRETRY to begin charging. The part re-enables when the voltage
on EN reaches the turnon threshold, and the auto-retry time is determined by the resistor/capacitor time
constant. The device continues to cycle in this manner until the fault condition is removed.
Figure 27. Auto-Retry Functionality
Some applications require auto-retry functionality and the ability to enable/disable with an external logic signal.
Figure 28 shows how an external logic signal can drive EN through RFAULT and maintain auto-retry functionality.
The resistor/capacitor time constant determines the auto-retry time-out period.
Figure 28. Auto-Retry Functionality With External EN Signal
10.2.2.1 Design Requirements
For this example, use the parameters shown in Table 3.
Table 3. Design Requirements
PARAMETER
VALUE
Input voltage
5 V
Output voltage
5 V
Current
1200 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com