Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73047DBVR Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS73047DBVR
Description  TPS730 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS73047DBVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS73047DBVR Datasheet HTML 3Page - Texas Instruments TPS73047DBVR Datasheet HTML 4Page - Texas Instruments TPS73047DBVR Datasheet HTML 5Page - Texas Instruments TPS73047DBVR Datasheet HTML 6Page - Texas Instruments TPS73047DBVR Datasheet HTML 7Page - Texas Instruments TPS73047DBVR Datasheet HTML 8Page - Texas Instruments TPS73047DBVR Datasheet HTML 9Page - Texas Instruments TPS73047DBVR Datasheet HTML 10Page - Texas Instruments TPS73047DBVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
100
50
0
20
40
60
80 100 120
150
200
250
140 160 180 200
0
IOUT (mA)
TJ = 125 C
°
TJ = 25 C
°
TJ = −55 C
°
1s/div
VIN
VOUT
VOUT = 3 V
RL = 15 W
Time (ms)
0
30
20
10
40
50
70
60
80
90 100
IOUT = 200 mA
COUT = 2.2 F
m
CNR = 0.01 F
m
0
-20
3.8
dv
dt
0.4 V
ms
20
4.8
=
Time (ms)
0
0
150
100
50
200 250
350
300
400 450
20
0
−20
100
500
VIN = 3.8 V
COUT = 10 F
m
−40
200
300
di
dt
0.02A
ms
1mA
=
10
100
1 k
10 k
10
40
80
100 k
1 M
10 M
Frequency (Hz)
IOUT = 10 mA
50
0
VIN = 3.8 V
COUT = 10 F
m
CNR = 0.01 F
m
IOUT = 200 mA
20
30
60
70
90
100
3
Time (ms)
0
60
40
20
80 100
140
120
160 180 200
VIN = 3.8 V
VOUT = 2.8 V
IOUT = 200 mA
COUT = 2.2 F
m
TJ = 25 C
°
1
2
0
0
2
CNR = 0.0047 F
m
CNR = 0.01 F
m
4
CNR = 0.001 F
m
TPS730
www.ti.com
SBVS054J – NOVEMBER 2004 – REVISED APRIL 2015
Typical Characteristics (continued)
Over recommended operating temperature range TJ = –40°C to +125°C, VEN = VIN, VIN = VOUT(nom) + 1 V, IOUT = 1 mA, COUT =
10
μF, CNR = 0.01 μF, VOUT(nom) = 2.8 V (unless otherwise noted). Typical values are at TJ = 25°C.
Figure 7. TPS73028 Ripple Rejection vs Frequency
Figure 8. TPS73028 Output Voltage, Enable Voltage vs Time
(Start-Up)
Figure 10. TPS73028 Load Transient Response
Figure 9. TPS73028 Line Transient Response
Figure 12. Dropout Voltage vs Output Current
Figure 11. Power Up and Power Down
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com