Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS767D301PWPR.A Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS767D301PWPR.A
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS767D301PWPR.A Datasheet(HTML) 2 Page - Texas Instruments

  TPS767D301PWPR.A Datasheet HTML 1Page - Texas Instruments TPS767D301PWPR.A Datasheet HTML 2Page - Texas Instruments TPS767D301PWPR.A Datasheet HTML 3Page - Texas Instruments TPS767D301PWPR.A Datasheet HTML 4Page - Texas Instruments TPS767D301PWPR.A Datasheet HTML 5Page - Texas Instruments TPS767D301PWPR.A Datasheet HTML 6Page - Texas Instruments TPS767D301PWPR.A Datasheet HTML 7Page - Texas Instruments TPS767D301PWPR.A Datasheet HTML 8Page - Texas Instruments TPS767D301PWPR.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
POWER DISSIPATION RATINGS
TPS767D3xx
SLVS209H – JULY 1999 – REVISED AUGUST 2008......................................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
AVAILABLE OPTIONS(1)
DEVICE
REGULATOR 1 VOUT (V)
REGULATOR 2 VOUT (V)
TPS767D301
Adjustable (1.5V – 5.5V)
3.3V
TPS767D318
1.8V
3.3V
TPS767D325
2.5V
3.3V
(1)
For the most current specifications and package information see the Package Option Addendum at the end of this document, or see the
TI web site at www.ti.com.
Over operating temperature range (unless otherwise noted).
TPS767D3xx
UNIT
Input voltage range, V1IN, V2IN
(2)
–0.3 to +13.5
V
Enable voltage range, V1EN, V2EN
–0.3 to VIN + 0.3
V
Output voltage range, V1OUT, V2OUT
–0.3 to +7.0
V
RESET voltage range, V1RESET, V2RESET
–0.3 to +16.5
V
Peak output current
Internally limited
ESD rating, HBM
2
kV
Continuous total power dissipation
See Dissipation Ratings table
Operating junction temperature range, TJ
–40 to +125
°C
Storage temperature range, Tstg
–65 to +150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network terminal ground.
AIR FLOW
TA ≤ +25°C
DERATING FACTOR
TA = +70°C
TA = +85°C
PACKAGE
(CFM)
POWER RATING
ABOVE ta = +25°C
POWER RATING
POWER RATING
0
3.58 W
35.8 mW/°C
1.97 W
1.43 W
PWP(1)
250
5.07 W
50.7 mW/°C
2.79 W
2.03 W
(1)
This parameter is measured with the recommended copper heat sink pattern on a 4-layer PCB, 1oz. copper on 4-in × 4-in ground layer.
For more information, refer to TI technical brief literature number SLMA002.
2
Submit Documentation Feedback
Copyright © 1999–2008, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com