Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF3510TV Datasheet(PDF) 1 Page - STMicroelectronics

Part # BF3510TV
Description  FULL 50-60Hz RECTIFICATION BRIDGE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BF3510TV Datasheet(HTML) 1 Page - STMicroelectronics

  BF3510TV Datasheet HTML 1Page - STMicroelectronics BF3510TV Datasheet HTML 2Page - STMicroelectronics BF3510TV Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BF3510TV
PRELIMINARY DATASHEET
®
August 1999 - Ed: 2A
FULL 50-60Hz RECTIFICATION BRIDGE
IF(AV)
35 A
VRRM
1000 V
Tj (max)
150
°C
VF (max)
1.30 V
MAIN PRODUCT CHARACTERISTICS
COMPACT ISOTOP DESIGN COMPATIBLE
WITH FAST DIODES AND TRANSISTORS.
EXCELLENT THERMAL TRANSFER BETWEEN
JUNCTION AND HEATSINK
UL PENDING
FEATURES AND BENEFITS
The Bridges series from ST Microelectronics has
been designed to allow a better standardization of
packages on boards principally designed with ISO-
TOP packages. The insulated package of the
bridge will be able to sit on heatsink with other
components. Single phase and 3-phase high
power SMPS, UPS, MOTOR DRIVES and WELD-
ING equipment will primarily find advantage in
these industry package products.
DESCRIPTION
ISOTOP
TM
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
1000
V
VRSM
Non repetitive peak reverse voltage
1000
V
IF(AV) total
Average forward current
Tc = 80
°C sinusoidal
35
A
IFSM
Surge non repetitive forward current
50Hz JEDEC method
300
A
I
2.t
Fusing
660
A
2.s
Tstg
Storage temperature range
- 55 to + 150
°C
Tj
Maximum operating junction temperature
150
°C
Pmax total
Totol power dissipation
50
W
ABSOLUTE RATINGS AND ELECTRICAL CHARACTERISTICS (per diode unless specified)
+
-
+
-
TM : ISOTOP is a trademark of ST Microelectronics.
1/3


Similar Part No. - BF3510TV

ManufacturerPart #DatasheetDescription
logo
CoolCox Limited All rig...
BF3510 COOLCOX-BF3510 Datasheet
348Kb / 1P
DC Blower Fan 35x35x10mm
BF3510H05D COOLCOX-BF3510H05D Datasheet
348Kb / 1P
DC Blower Fan 35x35x10mm
BF3510H05S COOLCOX-BF3510H05S Datasheet
348Kb / 1P
DC Blower Fan 35x35x10mm
BF3510H12D COOLCOX-BF3510H12D Datasheet
348Kb / 1P
DC Blower Fan 35x35x10mm
BF3510H12S COOLCOX-BF3510H12S Datasheet
348Kb / 1P
DC Blower Fan 35x35x10mm
More results

Similar Description - BF3510TV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BF3506TV STMICROELECTRONICS-BF3506TV Datasheet
71Kb / 3P
FULL 50-60Hz RECTIFICATION BRIDGE
Nov-1995
STBR606 STMICROELECTRONICS-STBR606 Datasheet
57Kb / 4P
50-60Hz RECTIFICATION BRIDGE
Aug-2001
STBR406 STMICROELECTRONICS-STBR406 Datasheet
56Kb / 4P
50-60Hz RECTIFICATION BRIDGE
Aug-2001
logo
Texas Instruments
UCC28950 TI-UCC28950 Datasheet
467Kb / 42P
Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950_1 Datasheet
774Kb / 45P
Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950_11 Datasheet
838Kb / 46P
Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950-Q1 TI1-UCC28950-Q1 Datasheet
1Mb / 48P
Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950_15 Datasheet
2Mb / 74P
UCC28950 Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
logo
Infineon Technologies A...
D3001N INFINEON-D3001N Datasheet
250Kb / 9P
Full blocking capability 50/60Hz over a wide temperature range
2014-06-01 Revision: 9.1
T1620N INFINEON-T1620N Datasheet
428Kb / 11P
Full blocking 50/60Hz over a wide range temperature
2016-05-24 Revision: 3.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com