Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XPD740DP30 Datasheet(PDF) 13 Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.

Part # XPD740DP30
Description  USB Type-C PD and Type-A dual-port controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERCHIP [SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.]
Direct Link  https://www.superchip.cn
Logo SUPERCHIP - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.

XPD740DP30 Datasheet(HTML) 13 Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.

Back Button XPD740DP30 Datasheet HTML 6Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD740DP30 Datasheet HTML 7Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD740DP30 Datasheet HTML 8Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD740DP30 Datasheet HTML 9Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD740DP30 Datasheet HTML 10Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD740DP30 Datasheet HTML 11Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD740DP30 Datasheet HTML 12Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD740DP30 Datasheet HTML 13Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD740DP30 Datasheet HTML 14Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
深圳市富满电子集团股份有限公司
SHEN ZHEN FINE MAD ELECTRONICS GROUP CO., LTD.
XPD740
USB Type-C PD 和 Type-A 双口控制器
Version 1.4
第
13页 共 14页
Copyright©2020, 云矽半导体
9.2 DC-DC 应用图
图中所示元器件参数供参考,可以根据实际应用进行调整。
前端电源的反馈电阻网络的分压电阻
RFB1 必须接 100 kΩ。Type-A 口 VBUSA 通路上的
PMOS 推荐选用耐压值 20V 以上,电流能力 3A 以上。Type-A 口的电流检测电阻 RS 可以
选择
5%精度电阻。
9.3 PCB layout 注意事项
1.10mohm 采样电阻的走线采用开尔文连接方式,注意芯片管脚 GND 与该电阻的连
接时应先连接到电阻末端然后再与整个
PCB 的 GND 网络连在一起,走线尽量粗而
短;
2.输入电容 CVPWR 以及输出电容 CVBUS 尽量靠近芯片;
3.PCB 布局时尽量避免与主发热器件摆放在一起;
4.尽量避免 VFB 连线受到干扰;
5.USB Type-A 口的外壳禁止连接到 PCB 板上的 GND 网络,外壳可以接 ISP2。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com