Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XPD636 Datasheet(PDF) 7 Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.

Part # XPD636
Description  USB Type-C PD and Type-A dual-port controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERCHIP [SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.]
Direct Link  https://www.superchip.cn
Logo SUPERCHIP - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.

XPD636 Datasheet(HTML) 7 Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.

Back Button XPD636 Datasheet HTML 3Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD636 Datasheet HTML 4Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD636 Datasheet HTML 5Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD636 Datasheet HTML 6Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD636 Datasheet HTML 7Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD636 Datasheet HTML 8Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD636 Datasheet HTML 9Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD636 Datasheet HTML 10Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD636 Datasheet HTML 11Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
深圳市富满电子集团股份有限公司
SHEN ZHEN FINE MAD ELECTRONICS GROUP CO., LTD.
XPD740
USB Type-C PD 和 Type-A 双口控制器
Version 1.4
第
7页 共 14页
Copyright©2020, 云矽半导体
7.5 电气特性
如无特殊说明,下述参数均在该条件下取得:
TJ= 25℃,3.3V≤VPWR≤21V
参数
测试条件
最小
典型
最大
单位
芯片供电相关(
VPWR,VBUS)
VVPWR_TH
VPWR UVLO 门限
Rising edge
3.3
V
Falling edge
2.9
Hysteresis
0.4
ISUPP
典型工作电流
VPWR=5V,VBUS=5V
2
mA
Voltage Protection (VBUS)
VFOVP
Fast OVP 门限,
always enabled
Ref to target voltage
+20%
V
VSOVP
Slow OVP 门限
Ref to target voltage
+15%
V
Switch MOSFET
RDSON
10
mΩ
Transmitter (CC1, CC2)
RTX
Output resistance
During transmission
50
Ω
VTXHI
Transmit HIGH
1.15
V
VTXLO
Transmit LOW
-75
75
mV
tUI
Bit unit interval
3.3
us
tBMC
Rise/fall time of
BMC
Rload=5.1k,Cload=1nF
300
600
ns
Receiver (CC1, CC2)
VRXHI
Receive HIGH
800
840
885
mV
VRXLO
Receive LOW
485
525
570
IRP_SRC
CC1/CC2Broadcasti
ng current
3A DFP mode, 0
≤������������≤2.5V 304 330 356 uA
1.5A DFP mode, 0
≤VCCX≤
1.5V
166
180
194
uA
OCP
VITRIP
Ref to Power Capability(pd)
+30%
A
OTP (internal)
TJ1
Die temperature
Temperature rising edge
135
145
155
℃
Hysteresis
20
℃
HVDCP interface (DP, DM)
VDAT(REF)
数据线检测电压
0.25
0.325
0.4
V
TGLITCH(DP)HIGH
D+高电平扰动滤
波时间
1
1.25
1.5
s
TGLITCH(DM)LOW
D-低电平扰动滤
波时间
1
ms
TGLITCH(V)CHANGE
输出电压扰动滤
波时间
20
40
60
ms
TGLITCH(CONT)CHANGE
连续模式的扰动
滤波时间
100
150
200
us
RDAT(LKG)
D+漏泄电阻
300
500
800
KΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com