Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3002003 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3002003
Description  E AB A 130X80X60 12TB - Junction box
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3002003 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3002003 Datasheet HTML 1Page - PHOENIX CONTACT 3002003 Datasheet HTML 2Page - PHOENIX CONTACT 3002003 Datasheet HTML 3Page - PHOENIX CONTACT 3002003 Datasheet HTML 4Page - PHOENIX CONTACT 3002003 Datasheet HTML 5Page - PHOENIX CONTACT 3002003 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Junction box, With 12 terminal blocks, 2.5 mm2 with screw connection technology, material:
ABS, gray, 130 mm x 80 mm x 60 mm, type of locking: Screw-on cover
Your advantages
Terminal box with cover and pre-assembled terminal strip
•
Fast wiring without the need for additional components
•
Commercial data
Item number
3002003
Packing unit
1 pc
Minimum order quantity
1 pc
Product key
BH8231
GTIN
4055626083865
Weight per piece (including packing)
438 g
Weight per piece (excluding packing)
400 g
Country of origin
IN
E AB A 130X80X60 12TB - Junction box
3002003
https://www.phoenixcontact.com/us/products/3002003
Aug 25, 2025, 5:40AM
Page 1 (6)


Similar Part No. - 3002003

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3002001 PHOENIX-3002001 Datasheet
269Kb / 6P
E AB A 180X130X100 20PT - Junction box
3002002 PHOENIX-3002002 Datasheet
260Kb / 6P
E AB A 85X83X60 6TB - Junction box
3002004 PHOENIX-3002004 Datasheet
268Kb / 6P
E AB A 180X130X100 20TB - Junction box
More results

Similar Description - 3002003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
91616-0001 MOLEX-91616-0001 Datasheet
96Kb / 2P
MOST Junction Box
logo
Glenair, Inc.
140G100XO-0000 GLENAIR-140G100XO-0000 Datasheet
330Kb / 2P
Mini Junction Box
140G101XO-0000 GLENAIR-140G101XO-0000 Datasheet
330Kb / 2P
Small Junction Box
140G102XO-0000 GLENAIR-140G102XO-0000 Datasheet
348Kb / 2P
Medium Junction Box
140G103XO-0000 GLENAIR-140G103XO-0000 Datasheet
342Kb / 2P
Large Junction Box
140G107XO-0000 GLENAIR-140G107XO-0000 Datasheet
353Kb / 2P
Jumbo Junction Box
140G200XO-0000 GLENAIR-140G200XO-0000 Datasheet
342Kb / 1P
Octagonal Junction Box
140-103 GLENAIR-140-103 Datasheet
342Kb / 2P
Large Junction Box
712-877 GLENAIR-712-877 Datasheet
207Kb / 2P
Composite Junction Box Adapter
logo
Amphenol Wilcoxon Sensi...
CB WILCOXON-CB Datasheet
351Kb / 1P
Cable termination junction box
Rev.E.1 09/18
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com