Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF63 Datasheet(PDF) 4 Page - Multicomp Pro

Part # SF63
Description  SF6x Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

SF63 Datasheet(HTML) 4 Page - Multicomp Pro

  SF63 Datasheet HTML 1Page - Multicomp Pro SF63 Datasheet HTML 2Page - Multicomp Pro SF63 Datasheet HTML 3Page - Multicomp Pro SF63 Datasheet HTML 4Page - Multicomp Pro SF63 Datasheet HTML 5Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SF6x Series
Page <4>
26/7/08 V1.1
Reverse Recovery Time Characteristic and Test Circuit Diagram
Part Number Table
Description
Part Number
Diode, Ultra-Fast, 6A, 50V
SF61
Diode, Ultra-Fast, 6A, 150V
SF63
Diode, Ultra-Fast, 6A, 400V
SF66
Note: 1. Rise Time = 7ns Maximum. Input Impedance =
1 Megohm 22pf
2. Rise Time = 10ns Maximum Source Impedance =
50 ohms



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com