Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

21RS Datasheet(PDF) 2 Page - Comus International

Part # 21RS
Description  General Purpose - 1 Form A / 2 Form A - PhotoDMOS Relays
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

21RS Datasheet(HTML) 2 Page - Comus International

  21RS Datasheet HTML 1Page - Comus International 21RS Datasheet HTML 2Page - Comus International 21RS Datasheet HTML 3Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Phone: (1) 973 777 6900
www.comus-intl.com
Fax: (1) 973 777 8405
As part of the company policy of continued product improvement, specifications may change without notice. Our sales office will be pleased to help you with the latest information on this product range and
the details of our full design and manufacturing service. All products are supplied to our standard conditions of sale unless otherwise agreed in writing.
An ISO 9001 Certified Company
Relays
ITEM
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
Input
LED Forward Voltage
VF
1.0
1.17
1.5
V
IF = 10mA
Operation LED Current
IF On
0.3
3.0
mA
Recovery LED Voltage
VF Off
0.5
1.0
V
Output
On-Resistance Drain to Drain
ROn
0.9
1.25
Ω
IF = 5mA
IL = Rating Time to flow is
within 1 sec.
Off-State Leakage Current
ILeak
0.03
10
μA
VL= 40V
Output Capacitance
COut
13
pF
VL= 0V, f= 1MHz
Transmission
Turn-On Time
TOn
0.07
0.5
ms
IF = 5mA
IL = Rating
Turn-Off Time
TOff
0.05
0.2
ms
Coupled
I/O Insulation Resistance
RI/O
109
Ω
I/O Capacitance
CI/O
0.8
pF
f = 1MHz
ELECTRICAL SPECIFICATIONS (Ambient Temperature: 25˚C)
Part Number: 21RS Series
General Purpose - 1 Form A / 2 Form A - PhotoDMOS Relays
Product Data Sheet
Low Capacitance
/ Resistance
Belgium: + 32 (0)12 390400 - Comus Europe Ltd (Assemtech) UK: +44 (0) 1255 862236 - Germany: +49 (0)911 923 15 943 - Netherlands: +31(0)45 54 39 345 - India: +(91) (44) 42023510
©2019 Copyright Comus International, 454 Allwood Road, Clifton NJ 07012, USA
Rev: 0 - Date: Jan/3/2019 - Signature: BR



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com