Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JL05-6A20-29SC-F0-R Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # JL05-6A20-29SC-F0-R
Description  Individual plug (Waterproof (mated)), Shell size : 20, Socket Contact (Sold separately), 17 pos.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JL05-6A20-29SC-F0-R Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  JL05-6A20-29SC-F0-R Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JL05-6A20-29SC-F0-R Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JL05-6A20-29SC-F0-R Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JL05-6A20-29SC-F0-R
Features
Individual plug (Waterproof (mated)), Shell size : 20, Socket Contact (Sold separately), 17 pos.
Part Number
JL05-6A20-29SC-F0-R
Status
Active
Number of Positions
17 pos.
Rated Current (per contact),
when embedded in the
insulator
Contact Size #16
13 A max. [Applicable Wire (Cross-sectional Area of Conductor) : 2 mm2, 1.25 mm2 ]
10 A max. [Applicable Wire (Cross-sectional Area of Conductor) : 0.8 mm2]
7.5 A max. [Applicable Wire (Cross-sectional Area of Conductor) : 0.5 mm2]
5 A max. [Applicable Wire (Cross-sectional Area of Conductor) : 0.3 mm2]
3 A max. [Applicable Wire (Cross-sectional Area of Conductor) : 0.2 mm2]
(For the total capacity of current that can flow through the entire connector,
please contact us separately.)
Waterproof/ Non-waterproof
Waterproof (mated condition)
Connector Type
Individual plug
Shell Size
20
Contact Arrangement Code
20 - 29
Contact Type
Socket
insert rotation position
(degrees)
-
Product Details


Similar Part No. - JL05-6A20-29SC-F0-R

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
JL05-6A20-29SCV-FO-R JAE-JL05-6A20-29SCV-FO-R Datasheet
312Kb / 1P
STRAIGHT PLUG
JL05-6A20-29SCW-FO-R JAE-JL05-6A20-29SCW-FO-R Datasheet
312Kb / 1P
STRAIGHT PLUG
JL05-6A20-29SCX-FO-R JAE-JL05-6A20-29SCX-FO-R Datasheet
312Kb / 1P
STRAIGHT PLUG
JL05-6A20-29SCY-FO-R JAE-JL05-6A20-29SCY-FO-R Datasheet
312Kb / 1P
STRAIGHT PLUG
JL05-6A20-29SCZ-FO-R JAE-JL05-6A20-29SCZ-FO-R Datasheet
312Kb / 1P
STRAIGHT PLUG
More results

Similar Description - JL05-6A20-29SC-F0-R

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MA1CAP1700 AMPHENOL-MA1CAP1700 Datasheet
78Kb / 1P
Straight Plug, 17 Pos
logo
Japan Aviation Electron...
ST-JL05-20S-C1 JAE-ST-JL05-20S-C1 Datasheet
69Kb / 1P
20 SOCKET CONTACT
ST-JL05-16S-C1 JAE-ST-JL05-16S-C1 Datasheet
71Kb / 1P
16 SOCKET CONTACT (INDIVIDUAL)
logo
Tyco Electronics
5747840-2 MACOM-5747840-2 Datasheet
179Kb / 1P
PLUG ASSEMBLY, SIZE 1, 9 POS, RIGHT ANGLE, FRONT METAL SHELL, .318 SERIES, AMPLIMITE HD-20
206044-1 MACOM-206044-1 Datasheet
52Kb / 1P
PLUG ASSEMBLY, SHELL SIZE 17, RECERSE SEX, CPC
206036 MACOM-206036 Datasheet
250Kb / 3P
RECEPTACLE HOUSING, STD SEX, SHELL SIZE 17, CPC
66504-8 MACOM-66504-8 Datasheet
157Kb / 1P
SOCKET CONTACT, SIZE 20 DF, 20-24 AWG, AMPLIMTE
logo
Amphenol Corporation
RCP-5SPFFP-SCM7B10 AMPHENOL-RCP-5SPFFP-SCM7B10 Datasheet
103Kb / 1P
RJ45,C SIZE,MATED WATERPROOF
2019-09-16
logo
Japan Aviation Electron...
KN01S03KKP4 JAE-KN01S03KKP4 Datasheet
99Kb / 3P
CONN #20 SIZE SOCKET CONTACT FOR
JL04V-6A22-22SE-EB-R JAE-JL04V-6A22-22SE-EB-R Datasheet
67Kb / 4P
Straight plug, TÜV, Waterproof (when mated) type, 4 pos., Socket, Contact arrangement code: 22-22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com