Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP2100 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HIP2100
Description  100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2100 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HIP2100 Datasheet HTML 1Page - Renesas Technology Corp HIP2100 Datasheet HTML 2Page - Renesas Technology Corp HIP2100 Datasheet HTML 3Page - Renesas Technology Corp HIP2100 Datasheet HTML 4Page - Renesas Technology Corp HIP2100 Datasheet HTML 5Page - Renesas Technology Corp HIP2100 Datasheet HTML 6Page - Renesas Technology Corp HIP2100 Datasheet HTML 7Page - Renesas Technology Corp HIP2100 Datasheet HTML 8Page - Renesas Technology Corp HIP2100 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
HIP2100
FN4022 Rev.16.00
Page 5 of 14
Aug 8, 2019
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VDD, VHB-VHS (Notes 4, 5) . . . . . . . . -0.3V to 18V
LI and HI Voltages (Note 5) . . . . . . . . . . . . . . . . -0.3V to VDD +0.3V
Voltage on LO (Note 4) . . . . . . . . . . . . . . . . . . . -0.3V to VDD +0.3V
Voltage on HO (Note 4) . . . . . . . . . . . . . . . VHS -0.3V to VHB +0.3V
Voltage on HS (Continuous) (Note 4) . . . . . . . . . . . . . . -1V to 110V
Voltage on HB (Note 4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +118V
Average Current in VDD to HB diode. . . . . . . . . . . . . . . . . . . 100mA
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1 (1kV)
Maximum Recommended Operating Conditions
Supply Voltage, VDD . . . . . . . . . . . . . . . . . . . . . . . .+9V to 14.0VDC
Voltage on HS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1V to 100V
Voltage on HS. . . . . . . . . . . . . . . .(Repetitive Transient) -5V to 105V
Voltage on HB . . . VHS+8V to VHS+14.0V and VDD-1V to VDD+100V
HS Slew Rate. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <50V/ns
Thermal Resistance (Typical)
JA (°C/W) JC (°C/W)
SOIC (Note 6) . . . . . . . . . . . . . . . . . . .
95
50
EPSOIC (Note 7) . . . . . . . . . . . . . . . . .
40
3.0
QFN (Note 7) . . . . . . . . . . . . . . . . . . . .
37
6.5
Max Power Dissipation at +25°C in Free Air (SOIC, Note 6) . . . . 1.3W
Max Power Dissipation at +25°C in Free Air (EPSOIC, Note 7). . 3.1W
Max Power Dissipation at +25°C in Free Air (QFN, Note 7) . . . . . 3.3W
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
Junction Temperature Range. . . . . . . . . . . . . . . . . .-55°C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions can adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
4. The HIP2100 is capable of derated operation at supply voltages exceeding 14V. Figure 16 on page 9 shows the high-side voltage derating curve
for this mode of operation.
5. All voltages referenced to VSS unless otherwise specified.
6.
JA is measured with the component mounted on a high-effective thermal conductivity test board in free air. See TB379 for details.
7.
JA is measured in free air with the component mounted on a high-effective thermal conductivity test board with “direct attach” features. JC, the
“case temp” is measured at the center of the exposed metal pad on the package underside. See TB379 for details.
Electrical Specifications
VDD = VHB = 12V, VSS = VHS = 0V, No Load on LO or HO, unless otherwise specified.
PARAMETERS
SYMBOL
TEST CONDITIONS
TJ = +25°C
TJ = -40°C TO +125°C
UNIT
MIN TYP MAX
MIN
(Note 8)
MAX
(Note 8)
SUPPLY CURRENTS
VDD Quiescent Current
IDD
LI = HI = 0V
-
0.1 0.15
-
0.2
mA
VDD Operating Current
IDDO
f = 500kHz
-
1.5
2.5
-
3
mA
Total HB Quiescent Current
IHB
LI = HI = 0V
-
0.1
0.15
-
0.2
mA
Total HB Operating Current
IHBO
f = 500kHz
-
1.5
2.5
-
3
mA
HB to VSS Current, Quiescent
IHBS
VHS = VHB = 114V
-
0.05
1
-
10
µA
HB to VSS Current, Operating
IHBSO
f = 500kHz
-
0.7
-
-
-
mA
INPUT PINS
Low Level Input Voltage Threshold
VIL
45.4
-
3
-
V
High Level Input Voltage Threshold
VIH
-5.8
7
-
8
V
Input Voltage Hysteresis
VIHYS
-0.4
-
-
-
V
Input Pulldown Resistance
RI
-
200
-
100
500
kΩ
UNDERVOLTAGE PROTECTION
VDD Rising Threshold
VDDR
7
7.3
7.8
6.5
8
V
VDD Threshold Hysteresis
VDDH
-0.5
-
-
-
V
HB Rising Threshold
VHBR
6.5
6.9
7.5
6
8
V
HB Threshold Hysteresis
VHBH
-0.4
-
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com