Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP2104FRAANZ-T Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HIP2104FRAANZ-T
Description  60V, 1A/2A Peak, Half-Bridge Driver with 4V UVLO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2104FRAANZ-T Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HIP2104FRAANZ-T Datasheet HTML 2Page - Renesas Technology Corp HIP2104FRAANZ-T Datasheet HTML 3Page - Renesas Technology Corp HIP2104FRAANZ-T Datasheet HTML 4Page - Renesas Technology Corp HIP2104FRAANZ-T Datasheet HTML 5Page - Renesas Technology Corp HIP2104FRAANZ-T Datasheet HTML 6Page - Renesas Technology Corp HIP2104FRAANZ-T Datasheet HTML 7Page - Renesas Technology Corp HIP2104FRAANZ-T Datasheet HTML 8Page - Renesas Technology Corp HIP2104FRAANZ-T Datasheet HTML 9Page - Renesas Technology Corp HIP2104FRAANZ-T Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
HIP2103, HIP2104
1. Overview
FN8276 Rev.2.0
Page 6 of 30
Feb 25, 2021
1.3
Ordering Information
Part Number
(Notes 2, 3, 4)
Part
Marking
UVLO (V)
VCC
Regulator
(V)
VDD
Regulator
(V)
Tape and Reel
(Units) (Notes 1)
Package
(RoHS Compliant)
Pkg.
Dwg. #
HIP2103FRTAAZ
DZBF
4.0
N/A
N/A
-
8 Ld 3x3 TDFN
L8.3x3A
HIP2103FRTAAZ-T
DZBF
4.0
N/A
N/A
6k
8 Ld 3x3 TDFN
L8.3x3A
HIP2103FRTAAZ-T7A
DZBF
4.0
N/A
N/A
250
8 Ld 3x3 TDFN
L8.3x3A
HIP2103FBZ-T
2103 FBZ
4.0
N/A
N/A
6k
8 Ld SOIC
M8.15
HIP2103FBZ-T7A
2103 FBZ
4.0
N/A
N/A
250
8 Ld SOIC
M8.15
HIP2104FRAANZ
2104AN
4.0
3.3
12
-
12 Ld 4x4 DFN
L12.4x4A
HIP2104FRAANZ-T
2104AN
4.0
3.3
12
6k
12 Ld 4x4 DFN
L12.4x4A
HIP2104FRAANZ-T7A
2104AN
4.0
3.3
12
250
12 Ld 4x4 DFN
L12.4x4A
HIP2103-4DEMO1Z
HIP2103, HIP2104 3-phase, Full, or Half Bridge Motor Drive Demonstration Board
HIP2103-4DEMO2Z
Demonstration Board 3-Phase Module with HIP2103, HIP2104 Drivers
HIP2104DBEVAL1Z
HIP2104 Evaluation Board (Daughter Board)
HIP2103DBEVAL1Z
HIP2103 Evaluation Board (Daughter Board)
HIP2103_4MBEVAL1Z
HIP2103, HIP2104 Evaluation Board (Mother Board)
Notes:
1. See TB347 for details about reel specifications.
2. These Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations).
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC
J-STD-020.
3. For Moisture Sensitivity Level (MSL), see the HIP2103 and HIP2104 device pages. For more information about MSL, see TB363.
4. All part numbers are rated -40°C to +125°C for the recommended operating junction temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com