Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T0931003003 Datasheet(PDF) 30 Page - TE Connectivity Ltd

Part # T0931003003
Description  General Overview of Heavy Duty Connectors
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

T0931003003 Datasheet(HTML) 30 Page - TE Connectivity Ltd

Back Button T0931003003 Datasheet HTML 26Page - TE Connectivity Ltd T0931003003 Datasheet HTML 27Page - TE Connectivity Ltd T0931003003 Datasheet HTML 28Page - TE Connectivity Ltd T0931003003 Datasheet HTML 29Page - TE Connectivity Ltd T0931003003 Datasheet HTML 30Page - TE Connectivity Ltd T0931003003 Datasheet HTML 31Page - TE Connectivity Ltd T0931003003 Datasheet HTML 32Page - TE Connectivity Ltd T0931003003 Datasheet HTML 33Page - TE Connectivity Ltd T0931003003 Datasheet HTML 34Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 70 page
background image
INDUSTRIAL /// HEAVY DUTY CONNECTORS
30
TE Connectivity‘s Heavy Duty Connectors
Modular Inserts
HMN Series
HMN SERIES INSERTS CAN MATCH THE HA SERIES HOODS AND HOUSINGS. SEE PAGE 32 TO 34.
1-pos
2-pos
2-pos
Crimp Terminal
(Order crimp contacts separately)
Crimp Terminal
(Order crimp contacts separately)
Crimp Terminal
(Order crimp contacts separately)
Type
PN
Type
PN
Type
PN
HMN-001-MC
T2111013101-000
Male (M)
HMN-D2-MC
T2111028101-000
Male (M)
HMN-002-MC
T2111020101-000
HMN-001-MC
T2111013201-000
Female (F)
HMN-D2-FC
T2111028201-000
Female (F)
HMN-002-FC
T2111020201-000
Tech Data
Rated current: 200A
Rated voltage: 1000V
Wiregauge: 25-70mm2
Tech Data
Rated current: 100A
Rated voltage: 1000V
Wiregauge: 10-35mm2
Tech Data
Rated current: 70A
Rated voltage: 1000V
Wiregauge: 10-25mm2
6-pos
6-pos
8-pos
Crimp Terminal
(Order crimp contacts separately)
Crimp Terminal
(Order crimp contacts separately)
Crimp Terminal
(Order crimp contacts separately)
Type
PN
Type
PN
Type
PN
Male (M)
HMN-006-M
T2111062101-000
Male (M)
HMN-006-PM
T2111063101-000
Male (M)
HMN-008-MC
T2111020101-000
Female (F)
HMN-006-F
T2111062201-000
Female (F)
HMN-006-PF
T2111063201-000
Female (F)
HMN-008-FC
T2111020201-000
Tech Data
Rated current: 16A
Rated voltage: 500V
Wiregauge: 0.14-4.0mm2
Tech Data
Rated current: 16A
Rated voltage: 830V
Wiregauge: 0.14-4.0mm2
Tech Data
Rated current: 70A
Rated voltage: 1000V
Wiregauge: 10-25mm2
3-pos
4-pos
5-pos
Crimp Terminal
(Order crimp contacts separately)
Crimp Terminal
(Order crimp contacts separately)
Spring Terminal
Type
PN
Type
PN
Type
PN
Male (M)
HMN-003-M
T2111032101-000
Male (M)
HMN-004-M
T2111042101-000
Male (M)
HMN-005-MS
T2110052101-000
Female (F)
HMN-003-F
T2111032201-000
Female (F)
HMN-004-F
T2111042201-000
Female (F)
HMN-005-FS
T2110052201-000
Tech Data
Rated current: 40A
Rated voltage: 690V
Wiregauge: 1.5-10mm2
Tech Data
Rated current: 40A
Rated voltage: 830V
Wiregauge: 1.5-6.0mm2
Tech Data
Rated current: 16A
Rated voltage: 400V
Wiregauge: 0.14-2.5mm2
12-pos
17-pos
20-pos
Crimp Terminal
(Order crimp contacts separately)
Crimp Terminal
(Order crimp contacts separately)
Crimp Terminal
(Order crimp contacts separately)
Type
PN
Type
PN
Type
PN
Male (M)
HMN-012-M
T2111122101-000
Male (M)
HMN-017-M
T2111172101-000
Male (M)
HMN-020-M
T2111202101-000
Female (F)
HMN-012-F
T2111122201-000
Female (F)
HMN-017-F
T2111172201-000
Female (F)
HMN-020-F
T2111202201-000
Tech Data
Rated current: 10A
Rated voltage: 250V
Wiregauge: 0.14-2.5mm2
Tech Data
Rated current: 10A
Rated voltage: 160V
Wiregauge: 0.14-2.5mm2
Tech Data
Rated current: 16A
Rated voltage: 500V
Wiregauge: 0.14-4.0mm2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com