Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2188 Datasheet(PDF) 1 Page - pro-elec

Part # 2188
Description  Extension Sockets
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRO-ELEC [pro-elec]
Direct Link  
Logo PRO-ELEC - pro-elec

2188 Datasheet(HTML) 1 Page - pro-elec

  2188 Datasheet HTML 1Page - pro-elec  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Extension Sockets
22/10/11 V1.1
www.farnell.com
www.cpc.co.uk
9148
97988
95668
2188
9393
2189
Specifications
Connector
Type A
Connector
Type B
Colour
Voltage
Rating
(V ac)
Fuse Current
Rating
(A)
Cable
Type
Number
of
Ways
Approval
Category
Part Number
UK Mains Plug
UK Socket
White
240
13
UK Mains
2
BS1363/A
9148
230
4
97988
240
6
95668
230
4
2188
9393
240
6
2189
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. pro - ELEC is the registered trademark of the Group. © Premier Farnell plc 2011.


Similar Part No. - 2188

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2188 ETC1-2188 Datasheet
44Kb / 1P
Extension Sockets
logo
Heyco.
2188 HEYCO-2188 Datasheet
155Kb / 1P
Metric Snap Bushings
logo
Abbatron All Rights Res...
2188 ABBATRON-2188 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Littelfuse
218800 LITTELFUSE-218800 Datasheet
216Kb / 2P
5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
218800P LITTELFUSE-218800P Datasheet
293Kb / 2P
5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
More results

Similar Description - 2188

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
ICS628T ADAM-TECH-ICS628T Datasheet
117Kb / 1P
IC SOCKETS SINGLE & DUAL ROW SOCKETS
PLCC-20-AT ADAM-TECH-PLCC-20-AT Datasheet
128Kb / 2P
PLCC SOCKETS
logo
List of Unclassifed Man...
9148 ETC1-9148 Datasheet
44Kb / 1P
Extension Sockets
logo
Grayhill, Inc
22-16-2 GRAYHILL-22-16-2 Datasheet
36Kb / 1P
Sockets
logo
Hongfa Technology
41F HONGFA-41F Datasheet
125Kb / 3P
RELAY SOCKETS
49F HONGFA-49F_15 Datasheet
48Kb / 1P
RELAY SOCKETS
41FSOCKETS HONGFA-41FSOCKETS Datasheet
125Kb / 3P
 RELAY SOCKETS
10FFSOCKETS HONGFA-10FFSOCKETS Datasheet
150Kb / 4P
RELAY SOCKETS
logo
Precid-Dip Durtal SA
110-83-308-41-001101 PREDIP-110-83-308-41-001101 Datasheet
23Kb / 5P
DIL SOCKETS
logo
Littelfuse
OT08PC LITTELFUSE-OT08PC Datasheet
210Kb / 1P
SOCKETS
2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com